Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX313C9FB-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX313C9FB-4
Description  4GB 512M x 64-Bit DDR3-1333
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX313C9FB-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX313C9FB-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX313C9FB-4 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
HyperX HX313C9FB/4 is a 512M x 64-bit (4GB) DDR3-1333
CL9 SDRAM (Synchronous DRAM) 1Rx8 memory module,
based on eight 512M x 8-bit DDR3 FBGA components. This
module has been tested to run at DDR3-1333 at latency timing
9-9-9 at 1.5V. The JEDEC standard electrical and mechanical
specifications are as follows:
Document No. 4806990-001.B00
04/23/15
Page 1
SPECIFICATIONS
s
e
l
c
y
c
9
)
D
D
I
(
L
C
Row Cycle Time (tRCmin)
49.125ns (min.)
Refresh to Active/Refresh
260ns (min.)
Command Time (tRFCmin)
Row Active Time (tRASmin)
36ns (min.)
Maximum Operating Power
TBD W*
0
-
V
4
9
g
n
i
t
a
R
L
U
Operating Temperature
0o C to 85o C
Storage Temperature
-55o C to +100o C
*Power will vary depending on the SDRAM used.
FEATURES
JEDEC standard 1.5V (1.425V ~1.575V) Power Supply
VDDQ = 1.5V (1.425V ~ 1.575V)
667MHz fCK for 1333Mb/sec/pin
8 independent internal bank
Programmable CAS Latency: 9, 8, 7, 6
Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
8-bit pre-fetch
Burst Length: 8 (Interleave without any limit, sequential with
starting address “000” only), 4 with tCCD = 4 which does not
allow seamless read or write [either on the fly using A12 or
MRS]
Bi-directional Differential Data Strobe
Internal(self) calibration : Internal self calibration through ZQ
pin (RZQ : 240 ohm ± 1%)
On Die Termination using ODT pin
Average Refresh Period 7.8us at lower than TCASE 85°C,
3.9us at 85°C < TCASE < 95°C
Asynchronous Reset
Height 1.291” (32.80mm) w/heatsink, single sided
component
HX313C9FB/4
4GB 512M x 64-Bit DDR3-1333
CL9 240-Pin DIMM
Continued >>
kingston.com/hyperx
HX318C10FB/4


Similar Part No. - HX313C9FB-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX313C9FB-8 ETC2-HX313C9FB-8 Datasheet
390Kb / 2P
   8GB 1G x 64-Bit DDR3-1333
More results

Similar Description - HX313C9FB-4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX313C9FR-4 ETC2-HX313C9FR-4 Datasheet
428Kb / 2P
   4GB 512M x 64-Bit DDR3-1333
HX316C10FB-4 ETC2-HX316C10FB-4 Datasheet
427Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX318C10F-4 ETC2-HX318C10F-4 Datasheet
429Kb / 2P
   4GB 512M x 64-Bit DDR3-1866
HX318C10FR-4 ETC2-HX318C10FR-4 Datasheet
428Kb / 2P
   4GB 512M x 64-Bit DDR3-1866
HX316C10FR-4 ETC2-HX316C10FR-4 Datasheet
428Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX316C10FW-4 ETC2-HX316C10FW-4 Datasheet
428Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX318C10FB-4 ETC2-HX318C10FB-4 Datasheet
427Kb / 2P
   4GB 512M x 64-Bit DDR3-1866
HX318C10FW-4 ETC2-HX318C10FW-4 Datasheet
428Kb / 2P
   4GB 512M x 64-Bit DDR3-1866
HX316C10F-4 ETC2-HX316C10F-4 Datasheet
429Kb / 2P
   4GB 512M x 64-Bit DDR3-1600
HX313C9FB-8 ETC2-HX313C9FB-8 Datasheet
390Kb / 2P
   8GB 1G x 64-Bit DDR3-1333
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com