Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML6427 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML6427
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427 Datasheet(HTML) 7 Page - Micro Linear Corporation

Back Button ML6427 Datasheet HTML 3Page - Micro Linear Corporation ML6427 Datasheet HTML 4Page - Micro Linear Corporation ML6427 Datasheet HTML 5Page - Micro Linear Corporation ML6427 Datasheet HTML 6Page - Micro Linear Corporation ML6427 Datasheet HTML 7Page - Micro Linear Corporation ML6427 Datasheet HTML 8Page - Micro Linear Corporation ML6427 Datasheet HTML 9Page - Micro Linear Corporation ML6427 Datasheet HTML 10Page - Micro Linear Corporation ML6427 Datasheet HTML 11Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ML6427
7
Figure 1. Passband Flatness (Normalized)
All outputs. Passband is ripple-free.
Figure 2. Passband/Stopband Rejection Ratios
(Normalized) All outputs.
Figure 3. Group Delay, all Outputs
Low frequency group delay is 62ns. At 3.58MHz group
delay increases by only 4ns. At 4.43MHz group delay
increases by only 7ns. The maximum deviation from flat
group delay of 12ns occurs at 6MHz.
1
0
–1
–2
–3
–4
FREQUENCY (MHz)
0
0.1
1
10
20
0
–20
–40
–60
–80
FREQUENCY (MHz)
0.01
0.1
1
100
10
90
70
50
30
10
15
9
11
37
48
10
26
FREQUENCY (MHz)
INPUTS
OUTPUTS
A/B MUX
SWAP CVU
SWAP CVF
CVOUT1/YOUTACVOUT2/YOUTBROUT/YOUTCGOUT/YOUTDBOUT/COUT
00
0
CVINU/Y1
CVINFB/Y3
RINB/Y5
GINB/Y7
BINB/C2
00
1
CVINU/Y1
CVINU/Y1
RINB/Y5
GINB/Y7
BINB/C2
01
0
CVINFB/Y3
CVINFB/Y3
RINB/Y5
GINB/Y7
BINB/C2
01
1
CVINFB/Y3
CVINU/Y1
RINB/Y5
GINB/Y7
BINB/C2
10
0
CVINU/Y1
CVINFA/Y2
RINA/Y4
GINA/Y6
BINA/C1
10
1
CVINU/Y1
CVINU/Y1
RINA/Y4
GINA/Y6
BINA/C1
11
0
CVINFA/Y2
CVINFA/Y2
RINA/Y4
GINA/Y6
BINA/C1
11
1
CVINFA/Y2
CVINU/Y1
RINA/Y4
GINA/Y6
BINA/C1
Table 1. Selecting Composite, Luma, RGB, and Chroma Outputs


Similar Part No. - ML6427

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML6427 FAIRCHILD-ML6427 Datasheet
168Kb / 17P
   75W Quad Video Cable Drivers and Filters with Switchable Inputs
ML6427CS FAIRCHILD-ML6427CS Datasheet
168Kb / 17P
   75W Quad Video Cable Drivers and Filters with Switchable Inputs
More results

Similar Description - ML6427

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6429 MICRO-LINEAR-ML6429 Datasheet
233Kb / 15P
   75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Fairchild Semiconductor
ML6429 FAIRCHILD-ML6429 Datasheet
157Kb / 15P
   75??Quad Video Cable Drivers and Filters with Switchable Inputs
ML6427 FAIRCHILD-ML6427 Datasheet
168Kb / 17P
   75W Quad Video Cable Drivers and Filters with Switchable Inputs
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Micro Linear Corporatio...
ML6428 MICRO-LINEAR-ML6428 Datasheet
240Kb / 11P
   S-Video Filter and 75廓 Line Drivers with Summed Composite Output
logo
Fairchild Semiconductor
FMS6400 FAIRCHILD-FMS6400 Datasheet
79Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410 FAIRCHILD-FMS6410 Datasheet
317Kb / 9P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B_06 Datasheet
214Kb / 8P
   Dual-Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6410B FAIRCHILD-FMS6410B Datasheet
78Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
FMS6400-1 FAIRCHILD-FMS6400-1 Datasheet
82Kb / 8P
   Dual Channel Video Drivers with Integrated Filters and Composite Video Summer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com