Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4902 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML4902
Description  High Current Synchronous Buck Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4902 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML4902 Datasheet HTML 1Page - Micro Linear Corporation ML4902 Datasheet HTML 2Page - Micro Linear Corporation ML4902 Datasheet HTML 3Page - Micro Linear Corporation ML4902 Datasheet HTML 4Page - Micro Linear Corporation ML4902 Datasheet HTML 5Page - Micro Linear Corporation ML4902 Datasheet HTML 6Page - Micro Linear Corporation ML4902 Datasheet HTML 7Page - Micro Linear Corporation ML4902 Datasheet HTML 8Page - Micro Linear Corporation ML4902 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ML4902
2
PIN CONFIGURATION
PIN
NAME
FUNCTION
1
D0
LSB input to the DAC which sets the
output voltage
2
D1
Input to the DAC which sets the
output voltage
3
D2
Input to the DAC which sets the
output voltage
4
D3
MSB input to the DAC which sets the
output voltage
5
RANGE
Range selection bit for the 2 chord 4-
bit DAC. Logic 1 sets the range at
2.1V to 3.5V with an LSB of 100mV.
Logic 0 sets the range at 1.8V to
2.05V with an LSB of 50mV
6
SHDN
Grounding this pin shuts down the
regulator
8
PWR GOOD This open drain output goes low
whenever SHDN goes low or when
the output is not within +10% of its
nominal value
PIN
NAME
FUNCTION
9VREF
Bypass connection for the internal
3.5V reference
10
GND
Analog signal ground
11
VFB
Output voltage feedback pin
12
ISENSE
Current sense input
13
COMP
Connection for the compensation and
optional soft-start delay network
15
PWR GND
Power ground
16
N DRV L
Synchronous rectifier driver output
17
N DRV H
Buck switch driver output
18
VCC
Connection point for monitoring the
5V supply to determine the proper
condition of PWR GOOD
19
VDD
12V power supply input
20
PROTECT
Connection for the integrating current
limit network
PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
ML4902
20-Pin TSSOP (T20)
D0
D1
D2
D3
RANGE
SHDN
NC
PWR GOOD
VREF
GND
PROTECT
VDD
VCC
N DRV H
N DRV L
PWR GND
NC
COMP
ISENSE
VFB


Similar Part No. - ML4902

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4900CS MICRO-LINEAR-ML4900CS Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4900CT MICRO-LINEAR-ML4900CT Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
More results

Similar Description - ML4902

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035 Datasheet
899Kb / 44P
   High-Speed Synchronous Buck Controller
2012
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
   High-Speed Synchronous Buck Controller
11/29/12
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com