Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4900CS Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4900CS
Description  High Current Synchronous Buck Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4900CS Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4900CS Datasheet HTML 1Page - Micro Linear Corporation ML4900CS Datasheet HTML 2Page - Micro Linear Corporation ML4900CS Datasheet HTML 3Page - Micro Linear Corporation ML4900CS Datasheet HTML 4Page - Micro Linear Corporation ML4900CS Datasheet HTML 5Page - Micro Linear Corporation ML4900CS Datasheet HTML 6Page - Micro Linear Corporation ML4900CS Datasheet HTML 7Page - Micro Linear Corporation ML4900CS Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ML4900
4
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BUCK REGULATOR (continued)
VFB Threshold Voltage
DAC (D3-D0) Code = 0000
3.495
3.535
3.575
V
DAC (D3-D0) Code = 0001
3.400
3.434
3.468
V
DAC (D3-D0) Code = 0010
3.300
3.333
3.366
V
DAC (D3-D0) Code = 0011
3.200
3.232
3.264
V
DAC (D3-D0) Code = 0100
3.100
3.131
3.162
V
DAC (D3-D0) Code = 0101
3.000
3.03
3.060
V
DAC (D3-D0) Code = 0110
2.900
2.929
2.958
V
DAC (D3-D0) Code = 0111
2.800
2.828
2.856
V
DAC (D3-D0) Code = 1000
2.700
2.727
2.754
V
DAC (D3-D0) Code = 1001
2.600
2.626
2.652
V
DAC (D3-D0) Code = 1010
2.500
2.525
2.550
V
DAC (D3-D0) Code = 1011
2.400
2.424
2.448
V
DAC (D3-D0) Code = 1100
2.299
2.323
2.347
V
DAC (D3-D0) Code = 1101
2.198
2.222
2.246
V
DAC (D3-D0) Code = 1110
2.097
2.121
2.145
V
DAC (D3-D0) Code = 1111
0.8
V
ISENSE Threshold Voltage
-66
-73
-80
mV
ISENSE Hysteresis
3mV
PROTECT Discharge Current
V(ISENSE) = -100mV
35
mA
PROTECT Leakage Current
+100
nA
Transition Time, N DRV H and N DRV L
CL = 5000pF, 10-90%
40
ns
SUPPLY
VDD Current
SHDN = 0V
300
450
µA
DAC (D3-D0) Code = 0000
SHDN = 5V, VFB = 5V
1
2
mA
SHDN = 5V, VFB = 0V, CL = 5000pF
30
mA
Note 1:
Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.


Similar Part No. - ML4900CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4901CS MICRO-LINEAR-ML4901CS Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4901CT MICRO-LINEAR-ML4901CT Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4902CT MICRO-LINEAR-ML4902CT Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
More results

Similar Description - ML4900CS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Microchip Technology
MCP19035 MICROCHIP-MCP19035 Datasheet
899Kb / 44P
   High-Speed Synchronous Buck Controller
2012
MCP19035 MICROCHIP-MCP19035_13 Datasheet
933Kb / 44P
   High-Speed Synchronous Buck Controller
11/29/12
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LT3763 LINER-LT3763 Datasheet
702Kb / 6P
   High Power Constant Current, Constant Voltage Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com