Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA24VG-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SMA24VG-CB2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SMA24VG-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  SMA24VG-CB2-R Datasheet HTML 1Page - Unisonic Technologies SMA24VG-CB2-R Datasheet HTML 2Page - Unisonic Technologies SMA24VG-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMAXXV
TVS DIODE FOR ESD PROTECTION
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-073.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Pulse Power (tp=8/20μs)
PPK
50
W
Peak Pulse Current (tp=8/20μs)
IPP
5
A
Junction Temperature
TJ
-55~150
°C
Storage Temperature
TSTG
-55~150
°C
Air Discharge
15
kV
ESD Discharge
IEC61000-4-2
Contact Discharge
VESD
8
kV
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
(VF = 0.9V Max @ IF = 10mA for all types.)
Test
Current
Reverse
Stand-Off
Voltage
Reverse
Breakdow
n Voltage
VBR(V)
Reverse
Leakage
Current
IR (µA)
Clamping
Voltage
VC (V)
Junction Capacitance
CJ (pF)
Device
Marking
Code
IT (mA)
VRWM (V)
Min
Max
VRWM
(V)
Max
(Typ.)
IPP(A)
Max
VR
(V)
f
(MHz)
SMA3V
3
1
3.3
4
20
3.3
10.9
5
100
0
1
SMA5V
5
1
5
6
5
5
14.5
5
80
0
1
SMA7V
7
1
7
7.5
0.15
7
22.7
8.8
85
0
1
SMA8V
8
1
8
8.5
5
8
13
5
70
0
1
SMA12V
12
1
12
13.3
5
12
17
5
60
0
1
SMA15V
15
1
15
16.6
5
15
22
5
50
0
1
SMA24V
24
1
24
26.7
5
24
32
3
25
0
1
SMA36V
36
1
36
40
5
36
55
1
20
0
1


Similar Part No. - SMA24VG-CB2-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA24 MACOM-SMA24 Datasheet
85Kb / 1P
   5 TO 1500 MHz CASCADABLE AMPLIFIER
logo
Lite-On Technology Corp...
SMA24 LITEON-SMA24 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Tyco Electronics
SMA24 MACOM-SMA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
MIC GROUP RECTIFIERS
SMA24 MIC-SMA24 Datasheet
65Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
M/A-COM Technology Solu...
SMA24 MA-COM-SMA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
More results

Similar Description - SMA24VG-CB2-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA5921 PANJIT-1SMA5921_15 Datasheet
183Kb / 7P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Unisonic Technologies
SMA5V UTC-SMA5V Datasheet
125Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1SMA4736 PANJIT-1SMA4736_09 Datasheet
478Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5921 PANJIT-1SMB5921_09 Datasheet
128Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMDZ5221B CENTRAL-CMDZ5221B_15 Datasheet
373Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com