Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7030-0906 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S7030-0906
Description  CCD area image sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S7030-0906 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S7030-0906_15 Datasheet HTML 4Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 5Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 6Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 7Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 8Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 9Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 10Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 11Page - Hamamatsu Corporation S7030-0906_15 Datasheet HTML 12Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CCD area image sensor
S7030/S7031 series
Pin connections
Pin
no.
S7030 series
S7031 series
Remark
(standard operation)
Symbol
Function
Symbol
Function
1
RD
Reset drain
RD
Reset drain
+12 V
2
OS
Output transistor source
OS
Output transistor source
RL=22 k
3
OD
Output transistor drain
OD
Output transistor drain
+20 V
4
OG
Output gate
OG
Output gate
+3 V
5
SG
Summing gate
SG
Summing gate
Same pulse as P2H
6-
-
7-
-
8
P2H
CCD horizontal register clock-2
P2H
CCD horizontal register clock-2
9
P1H
CCD horizontal register clock-1
P1H
CCD horizontal register clock-1
10
IG2H
Test point (horizontal input gate-2)
IG2H
Test point (horizontal input gate-2)
-8 V
11
IG1H
Test point (horizontal input gate-1)
IG1H
Test point (horizontal input gate-1)
-8 V
12
ISH
Test point (horizontal input source)
ISH
Test point (horizontal input source)
Connect to RD
13
TG*19
Transfer gate
TG*19
Transfer gate
Same pulse as P2V
14
P2V
CCD vertical register clock-2
P2V
CCD vertical register clock-2
15
P1V
CCD vertical register clock-1
P1V
CCD vertical register clock-1
16
-
Th1
Thermistor
17
-
Th2
Thermistor
18
-
P-
TE-cooler-
19
-
P+
TE-cooler+
20
SS
Substrate (GND)
SS
Substrate (GND)
GND
21
ISV
Test point (vertical input source)
ISV
Test point (vertical input source)
Connect to RD
22
IG2V
Test point (vertical input gate-2)
IG2V
Test point (vertical input gate-2)
-8 V
23
IG1V
Test point (vertical input gate-1)
IG1V
Test point (vertical input gate-1)
-8 V
24
RG
Reset gate
RG
Reset gate
*
19: Isolation gate between vertical register and horizontal register. In standard operation, TG should be applied the same pulse as P2V.
9
S7031-1006S/-1007S
(24 ×)
0.5 ± 0.05
Photosensitive surface
1st pin indication pad
44.0 ± 0.44
52.0
60.0 ± 0.30
2.54 ± 0.13
Window 28.6
*
Photosensitive area 24.58
S7031-1006S: A=1.392
S7031-1007S: A=2.928
TE-cooler
* Size of window that guarantees the transmittance in the
“Spectral transmittance characteristics” graph
112
13
24
KMPDA0049EI


Similar Part No. - S7030-0906_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S7030-0906 HAMAMATSU-S7030-0906 Datasheet
244Kb / 12P
   Back-thinned FFT-CCD
More results

Similar Description - S7030-0906_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140-1007 HAMAMATSU-S10140-1007_15 Datasheet
679Kb / 13P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5130AC TOSHIBA-TCD5130AC Datasheet
613Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S7017 HAMAMATSU-S7017 Datasheet
183Kb / 8P
   CCD area image sensor
S12071 HAMAMATSU-S12071_15 Datasheet
874Kb / 11P
   CCD area image sensor
S10747-0909 HAMAMATSU-S10747-0909_15 Datasheet
207Kb / 7P
   CCD area image sensor
S9972-1007 HAMAMATSU-S9972-1007_15 Datasheet
426Kb / 10P
   CCD area image sensor
S7033 HAMAMATSU-S7033 Datasheet
225Kb / 8P
   CCD area image sensor
S11500-1007 HAMAMATSU-S11500-1007_15 Datasheet
513Kb / 8P
   CCD area image sensor
logo
Toshiba Semiconductor
TCD5340C TOSHIBA-TCD5340C Datasheet
619Kb / 14P
   CCD AREA IMAGE SENSOR
logo
Hamamatsu Corporation
S9970-0906 HAMAMATSU-S9970-0906_15 Datasheet
446Kb / 11P
   CCD area image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com