Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML4863IS Datasheet(PDF) 9 Page - Micro Linear Corporation

Part # ML4863IS
Description  High Efficiency Flyback Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4863IS Datasheet(HTML) 9 Page - Micro Linear Corporation

Back Button ML4863IS Datasheet HTML 2Page - Micro Linear Corporation ML4863IS Datasheet HTML 3Page - Micro Linear Corporation ML4863IS Datasheet HTML 4Page - Micro Linear Corporation ML4863IS Datasheet HTML 5Page - Micro Linear Corporation ML4863IS Datasheet HTML 6Page - Micro Linear Corporation ML4863IS Datasheet HTML 7Page - Micro Linear Corporation ML4863IS Datasheet HTML 8Page - Micro Linear Corporation ML4863IS Datasheet HTML 9Page - Micro Linear Corporation ML4863IS Datasheet HTML 10Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ML4863
9
Figure 4. 5W Multiple Output DC-DC Converter
SHDN
VIN
C1
33µF
20V
C2
33µF
20V
C3
1µF
50V
NDS9955
R3
60m
5V
Q2A
Q2B
1,5
6,10
42
3
79
8
MMDF3N03
3.3V
C4
33µF
20V
C5
33µF
20V
12V
T1
DALE
LPE-6562-A145
ML4863
VIN
SENSE
SHDN
VFB
GND
OUT 2
OUT 1
VCC
R2
30m
R1
120m
Q1A
Q1B
C8
100µF
6.3V
C9
100µF
6.3V
C7
100µF
6.3V
C6
100µF
6.3V
C12
100µF
6.3V
C13
100µF
6.3V
C11
100µF
6.3V
C10
100µF
6.3V
Figure 5. Typical PC Board Layout


Similar Part No. - ML4863IS

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4861 MICRO-LINEAR-ML4861 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
ML4861CS-3 MICRO-LINEAR-ML4861CS-3 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
ML4861CS-5 MICRO-LINEAR-ML4861CS-5 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
ML4861CS-6 MICRO-LINEAR-ML4861CS-6 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
ML4861ES-3 MICRO-LINEAR-ML4861ES-3 Datasheet
218Kb / 11P
   Low Voltage Boost Regulator
More results

Similar Description - ML4863IS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28742 TI1-UCC28742 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Flyback Controller with Optocoupler Feedback
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
   SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
Monolithic Power System...
EV3900DK-00D MPS-EV3900DK-00D Datasheet
371Kb / 6P
   High Efficiency Flyback Converter EV Board
logo
Linear Technology
LT1737 LINER-LT1737 Datasheet
320Kb / 28P
   High Power Isolated Flyback Controller
LT1737 LINER-LT1737_15 Datasheet
382Kb / 28P
   High Power Isolated Flyback Controller
logo
Monolithic Power System...
EV3908DK-00C MPS-EV3908DK-00C Datasheet
296Kb / 6P
   High Efficiency Isolated Flyback Converter EV Board
logo
Texas Instruments
LM3481 TI-LM3481_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM3481 / -Q1 High-Efficiency Controller for Boost, SEPIC and Flyback DC-DC Converters
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com