Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11155-2048-01 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S11155-2048-01
Description  CCD linear image sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11155-2048-01 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S11155-2048-01_15 Datasheet HTML 1Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 2Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 3Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 4Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 5Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 6Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 7Page - Hamamatsu Corporation S11155-2048-01_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CCD linear image sensors
S11155-2048-01, S11156-2048-01
4
Effective pixels
Effective pixels
Horizontal
shift register
Note: When viewed from the direction of the incident light, the horizontal shift register is
covered with a thick silicon layer (dead layer). However, long-wavelength light
passes through the silicon dead layer and may possibly be detected by the horizontal
shift register. To prevent this, provide light shield on that area as needed.
Thinning
15
14
13
2
3
4
5
6
7
8
9
10
11
12
23
22
21
20
19
16
1
24
17
18
Resistive gate
Storage section
Horizontal shift register
D5 D6 D7 D8 D9 D10 S1 S2 S3 S4
D11 D12 D13 D14 D15 D16
D17 D18 D19 D20
D1 D2 D3 D4
Spectral response (without window)*19
Spectral transmittance characteristic of window material
KMPDB0316EA
KMPDB0303EA
*
19: Spectral response with quartz glass is decreased according to the
spectral transmittance characteristic of window material.
Wavelength (nm)
(Typ. Ta=25 °C)
0
100
80
60
40
20
1200
200
400
600
800
1000
Wavelength (nm)
(Typ. Ta=25 °C)
0
100
80
60
40
20
1100
100
300 400
200
500 600 700 800 900 1000
KMPDC0339ED
Device structure (conceptual drawing of top view in dimensional outline)


Similar Part No. - S11155-2048-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11155-2048-01 HAMAMATSU-S11155-2048-01 Datasheet
468Kb / 8P
   S11155-2048-01 S11156-2048-01
More results

Similar Description - S11155-2048-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11850-1106 HAMAMATSU-S11850-1106_15 Datasheet
408Kb / 10P
   CCD image sensors
S11071-1004 HAMAMATSU-S11071-1004_15 Datasheet
258Kb / 10P
   CCD image sensors
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD1703C TOSHIBA-TCD1703C Datasheet
423Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD1705D TOSHIBA-TCD1705D Datasheet
405Kb / 11P
   CCD LINEAR IMAGE SENSOR
TCD2503C TOSHIBA-TCD2503C Datasheet
466Kb / 12P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD2300C TOSHIBA-TCD2300C Datasheet
558Kb / 14P
   CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com