Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S12443 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S12443
Description  CMOS linear image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S12443 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button S12443_15 Datasheet HTML 2Page - Hamamatsu Corporation S12443_15 Datasheet HTML 3Page - Hamamatsu Corporation S12443_15 Datasheet HTML 4Page - Hamamatsu Corporation S12443_15 Datasheet HTML 5Page - Hamamatsu Corporation S12443_15 Datasheet HTML 6Page - Hamamatsu Corporation S12443_15 Datasheet HTML 7Page - Hamamatsu Corporation S12443_15 Datasheet HTML 8Page - Hamamatsu Corporation S12443_15 Datasheet HTML 9Page - Hamamatsu Corporation S12443_15 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CMOS linear image sensor
S12443
9
Time
300 °C
Preheating
60 to 120 s
Soldering
60 to 150 s
Peak temperature
260 °C max.
217 °C
200 °C
150 °C
Peak temperature - 5 °C
30 s max.
25 °C to peak temperature
8 m max.
Heating
3 °C/s max.
Cooling
6 °C/s max.
KMPDB0405EA
Recommended temperature profile for reflow soldering (typical example)
∙ This product supports lead-free soldering. After unpacking, store it in an environment at a temperature of 30 °C or less and a
humidity of 60% or less, and perform soldering within 4 weeks.
∙ The effect that the product receives during reflow soldering varies depending on the circuit board and reflow oven that are used.
Before actual reflow soldering, check for any problems by tesitng out the reflow soldering methods in advance.
Precautions
(1) Electrostatic countermeasures
· This device has a built-in protection circuit as a safeguard against static electrical charges. However, to prevent destroying the device
with electrostatic charges, take countermeasures such as grounding yourself, the workbench and tools.
· Protect this device from surge voltages which might be caused by peripheral equipment.
(2) Package handling
· The photosensitive area of this device is sealed and protected by transparent resin. When compared to a glass faceplate, the surface
of transparent resin may be less uniform and is more likely to be scratched. Be very careful when handling this device and also when
designing the optical systems.
· Dust or grime on the light input window might cause nonuniform sensitivity. To remove dust or grime, blow it off with compressed air.
(3) Surface protective tape
· Protective tape is affixed to the surface of this product to protect the photosensitive area. After assembling the product, remove the
tape before use.


Similar Part No. - S12443_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
New Jersey Semi-Conduct...
S12400H NJSEMI-S12400H Datasheet
93Kb / 2P
   RMS on -state current
logo
Hamamatsu Corporation
S12426 HAMAMATSU-S12426 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
S12426 HAMAMATSU-S12426_15 Datasheet
611Kb / 5P
   Low bias operation, high-speed Si APD for 900 nm
More results

Similar Description - S12443_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S12706 HAMAMATSU-S12706 Datasheet
217Kb / 8P
   CMOS linear image sensor
S10226-10 HAMAMATSU-S10226-10_15 Datasheet
540Kb / 8P
   CMOS linear image sensor
S10077 HAMAMATSU-S10077_15 Datasheet
263Kb / 8P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108 Datasheet
1Mb / 9P
   CMOS linear image sensor
S11639-01 HAMAMATSU-S11639-01_15 Datasheet
885Kb / 8P
   CMOS linear image sensor
S11638 HAMAMATSU-S11638_15 Datasheet
470Kb / 8P
   CMOS linear image sensor
S11639 HAMAMATSU-S11639 Datasheet
399Kb / 8P
   CMOS linear image sensor
S12706 HAMAMATSU-S12706_15 Datasheet
594Kb / 8P
   CMOS linear image sensor
S10227-10 HAMAMATSU-S10227-10_15 Datasheet
450Kb / 7P
   CMOS linear image sensor
S11108 HAMAMATSU-S11108_15 Datasheet
401Kb / 9P
   CMOS linear image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com