Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62065 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62065
Description  TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm2-mm SON Package
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62065 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62065_15 Datasheet HTML 1Page - Texas Instruments TPS62065_15 Datasheet HTML 2Page - Texas Instruments TPS62065_15 Datasheet HTML 3Page - Texas Instruments TPS62065_15 Datasheet HTML 4Page - Texas Instruments TPS62065_15 Datasheet HTML 5Page - Texas Instruments TPS62065_15 Datasheet HTML 6Page - Texas Instruments TPS62065_15 Datasheet HTML 7Page - Texas Instruments TPS62065_15 Datasheet HTML 8Page - Texas Instruments TPS62065_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I -LoadCurrent- A
L
V
=4.2V
IN
V
=5V
IN
V
=3.7V
IN
L =1.2 H(NRG4026T1R2),
C
=22 F(0603size),
V
=3.3V,
Mode: AutoPFM/PWM
m
m
OUT
OUT
PVIN
PGND
EN
FB
PG
L
1.0 H
m
SW
C
10 F
OUT
m
V
1.8 V 2 A
OUT
V
= 2.9 V to 6 V
IN
AVIN
AGND
C
22 pF
ff
R
100 k
PG
W
R
180 k
2
W
R
360 k
1
W
C
10
IN
mF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
TPS62065, TPS62067
SLVS833C – MARCH 2010 – REVISED JULY 2015
TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm × 2-mm SON Package
1 Features
3 Description
The
TPS6206x
is
a
family
of
highly
efficient
1
3-MHz Switching Frequency
synchronous step down DC/DC converters. They
VIN Range from 2.9 V to 6 V
provide up to 2-A output current.
Up to 97% Efficiency
With an input voltage range of 2.9 V to 6 V, the
Power Save Mode / 3-MHz Fixed PWM Mode
device is a perfect fit for power conversion from a 5-V
Power Good Output
or 3.3-V system supply rail. The TPS6206x operates
at 3-MHz fixed frequency and enters power save
Output Voltage Accuracy in PWM Mode ±1.5%
mode operation at light load currents to maintain high
Output Capacitor Discharge Function
efficiency over the entire load current range. The
Typical 18 µA Quiescent Current
power save mode is optimized for low output voltage
ripple. For low noise applications, TPS62065 can be
100% Duty Cycle for Lowest Dropout
forced into fixed frequency PWM mode by pulling the
Voltage Positioning
MODE pin high. TPS62067 provides an open drain
Clock Dithering
power good output.
Supports Maximum 1-mm Height Solutions
In the shutdown mode, the current consumption is
Available in a 2 mm x 2 mm x 0.75 mm WSON
reduced to less than 1 µA and an internal circuit
discharges the output capacitor.
2 Applications
TPS6206x family is optimized for operation with a tiny
Point of Load (POL)
1 µH inductor and a small 10-µF output capacitor to
achieve smallest solution size and high regulation
Notebooks, Pocket PCs
performance.
Portable Media Players
The TPS6206x operates over a free air temperature
DSP Supply
range of –40°C to 85°C. It is available in a small 2-
mm × 2-mm × 0.75-mm 8-pin WSON package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS62065
WSON (8)
2.00 mm × 2.00 mm
TPS62067
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Load Current
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62065_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
[Old version datasheet]   3-MHz 2A Step Down Converter in 2x2 SON Package
More results

Similar Description - TPS62065_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62065-Q1 TI1-TPS62065-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TPS6206x-Q1 3-MHz 2-A Step-Down Converter in 2 SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62065-Q1 TI1-TPS62065-Q1_V01 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6206x-Q1 3-MHz, 2-A, Automotive Step-Down Converter in 2 × 2 SON Package
REVISED AUGUST 2023
TPS62060 TI1-TPS62060_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TLV62065-Q1 TI-TLV62065-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62065-Q1 3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm WSON Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com