Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61252 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61252
Description  TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61252 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61252_15 Datasheet HTML 1Page - Texas Instruments TPS61252_15 Datasheet HTML 2Page - Texas Instruments TPS61252_15 Datasheet HTML 3Page - Texas Instruments TPS61252_15 Datasheet HTML 4Page - Texas Instruments TPS61252_15 Datasheet HTML 5Page - Texas Instruments TPS61252_15 Datasheet HTML 6Page - Texas Instruments TPS61252_15 Datasheet HTML 7Page - Texas Instruments TPS61252_15 Datasheet HTML 8Page - Texas Instruments TPS61252_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPS61252
SLVSAG3A – SEPTEMBER 2010 – REVISED DECEMBER 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage(2)
VIN, VOUT, SW, EN, PG, FB, ILIM
–0.3
7
V
Operating junction, TJ
–40
150
Temperature
°C
Storage, Tstg
–65
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
8.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
8.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage at VIN
2.3
6.0
V
Output voltage at VOUT
3.0
6.5
V
Programmable valley switch current limit set by RILIM
100
1500
mA
Operating free air temperature range, TA
–40
85
°C
Operating junction temperature range, TJ
–40
125
°C
8.4 Thermal Information
TPS61252
THERMAL METRIC(1)
DSG
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
80.2
RθJC(top)
Junction-to-case (top) thermal resistance
93.5
RθJB
Junction-to-board thermal resistance
54.2
°C/W
ψJT
Junction-to-top characterization parameter
0.9
ψJB
Junction-to-board characterization parameter
59.3
RθJC(bot)
Junction-to-case (bottom) thermal resistance
20
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: TPS61252


Similar Part No. - TPS61252_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
More results

Similar Description - TPS61252_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61252 TI1-TPS61252_16 Datasheet
1Mb / 27P
[Old version datasheet]   TPS61252 Tiny 1.5-A Boost Converter With Adjustable Input Current Limit
logo
TEXAS ADVANCED OPTOELEC...
TPS61252 TAOS-TPS61252 Datasheet
440Kb / 21P
   TINY 1.5-A BOOST CONVERTER WITH ADJUSTABLE INPUT CURRENT LIMIT
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
Texas Instruments
TPS61260 TI1-TPS61260 Datasheet
1,004Kb / 21P
[Old version datasheet]   TINY LOW INPUT VOLTAGE BOOST CONVERTER
MAY2011
logo
Linear Technology
LTC3127 LINER-LTC3127_15 Datasheet
376Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A_15 Datasheet
480Kb / 19P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
Linear Technology
LTC3127 LINER-LTC3127 Datasheet
371Kb / 20P
   1A Buck-Boost DC/DC Converter with Programmable Input Current Limit
logo
Texas Instruments
PTN78000A TI-PTN78000A Datasheet
1Mb / 18P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE BUCK-BOOST SWITCHING REGULATOR
logo
ON Semiconductor
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com