Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61030 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61030
Description  TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61030 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61030_15 Datasheet HTML 1Page - Texas Instruments TPS61030_15 Datasheet HTML 2Page - Texas Instruments TPS61030_15 Datasheet HTML 3Page - Texas Instruments TPS61030_15 Datasheet HTML 4Page - Texas Instruments TPS61030_15 Datasheet HTML 5Page - Texas Instruments TPS61030_15 Datasheet HTML 6Page - Texas Instruments TPS61030_15 Datasheet HTML 7Page - Texas Instruments TPS61030_15 Datasheet HTML 8Page - Texas Instruments TPS61030_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
NC
SW
SW
LBI
LBO
VOUT
SYNC
EN
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SW
SW
PGND
PGND
PGND
VBAT
LBI
SYNC
NC
VOUT
VOUT
VOUT
FB
GND
LBO
EN
NC − No internal connection
PowerPAD
TPS61030, TPS61031, TPS61032
www.ti.com
SLUS534G – SEPTEMBER 2002 – REVISED MARCH 2015
6 Device Comparison Table
(1)
OUTPUT VOLTAGE
TA
PACKAGE
PART NUMBER(1)
DC/DC
Adjustable
TPS61030
3.3 V
16-Pin TSSOP PowerPAD™
TPS61031
5 V
TPS61032
-40°C to 85°C
Adjustable
TPS61030
3.3 V
16-Pin QFN
TPS61031
5 V
TPS61032
(1)
Contact the factory to check availability of other fixed output voltage versions.
(1)
For all available packages, see the orderable addendum at the end of the datasheet.
7 Pin Configuration and Functions
PWP Package
RSA Package
16-Pins
16-Pins
Top View
Top View
Pin Functions
PIN
NO.
I/O
DESCRIPTION
NAME
PWP
RSA
EN
9
11
I
Enable input. (1/VBAT enabled, 0/GND disabled)
FB
12
14
I
Voltage feedback of adjustable versions
GND
11
13
I/O
Control/logic ground
LBI
7
9
I
Low battery comparator input (comparator enabled with EN)
LBO
10
12
O
Low battery comparator output (open drain)
NC
16
2
Not connected
PGND
3, 4, 5
5, 6, 7
I/O
Power ground
PowerPAD™
Must be soldered to achieve appropriate power dissipation. Should be connected to
PGND.
SYNC
8
10
I
Enable/disable power save mode (1/VBAT disabled, 0/GND enabled, clock signal for
synchronization)
SW
1, 2
3, 4
I
Boost and rectifying switch input
VBAT
6
8
I
Supply voltage
VOUT
13, 14, 15
1, 15, 16
O
DC/DC output
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61030 TPS61031 TPS61032


Similar Part No. - TPS61030_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
More results

Similar Description - TPS61030_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61020 TI-TPS61020_07 Datasheet
548Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com