Electronic Components Datasheet Search |
|
TPS61029 Datasheet(PDF) 3 Page - Texas Instruments |
|
|
TPS61029 Datasheet(HTML) 3 Page - Texas Instruments |
3 / 31 page FB LBO GND VBAT SW VOUT LBI PS EN PGND TPS61020, TPS61024, TPS61025, TPS61026, TPS61027, TPS61028, TPS61029 www.ti.com SLVS451G – SEPTEMBER 2003 – REVISED DECEMBER 2014 6 Device Comparison Table TA OUTPUT VOLTAGE DC-DC(1) NOMINAL SWITCH CURRENT LIMIT PART NUMBER(2) Adjustable 1500 mA TPS61020DRC Adjustable 800 mA TPS61028DRC Adjustable 1800 mA TPS61029DRC –40°C to 85°C 3.0 V 1500 mA TPS61024DRC 3.3 V 1500 mA TPS61025DRC 5 V 1800 mA TPS61026DRC 5 V 1500 mA TPS61027DRC (1) Contact the factory to check availability of other fixed output voltage versions. (2) The DRC package is available taped and reeled. Add R suffix to device type (for example, TPS61020DRCR) to order quantities of 3000 devices per reel. Add a T suffix to the device type (that is, TPS61020DRCT) to order quantities of 250 devices per reel. 7 Pin Configuration and Functions Pin Functions PIN I/O DESCRIPTION NAME NO. EN 1 I Enable input. (1/VBAT enabled, 0/GND disabled) FB 3 I Voltage feedback of adjustable versions GND 5 Control / logic ground LBI 7 I Low battery comparator input (comparator enabled with EN), may not be left floating, should be connected to GND or VBAT if comparator is not used LBO 4 O Low battery comparator output (open drain) PS 8 I Enable/disable power save mode (1/VBAT disabled, 0/GND enabled) SW 9 I Boost and rectifying switch input PGND 10 Power ground VBAT 6 I Supply voltage VOUT 2 O Boost converter output PowerPAD™ — — Must be soldered to achieve appropriate power dissipation. Should be connected to PGND. Copyright © 2003–2014, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: TPS61020 TPS61024 TPS61025 TPS61026 TPS61027 TPS61028 TPS61029 |
Similar Part No. - TPS61029 |
|
Similar Description - TPS61029 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |