Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60122 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60122
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60122 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60122 Datasheet HTML 6Page - Texas Instruments TPS60122 Datasheet HTML 7Page - Texas Instruments TPS60122 Datasheet HTML 8Page - Texas Instruments TPS60122 Datasheet HTML 9Page - Texas Instruments TPS60122 Datasheet HTML 10Page - Texas Instruments TPS60122 Datasheet HTML 11Page - Texas Instruments TPS60122 Datasheet HTML 12Page - Texas Instruments TPS60122 Datasheet HTML 13Page - Texas Instruments TPS60122 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
VI = 1.25 V
1.5
2
2.5
3
3.5
4
020
40
60
VI = 1.8 V
VI = 1.6 V
VI = 1.4 V
VI = 1.1 V
VI = 0.9 V
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT1)
vs
OUTPUT CURRENT (OUT1)
IO – Output Current (OUT1) – mA
Figure 8
VI – Input Voltage – V
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
0.8
1
1.2
1.4
1.6
1.8
IO(OUT2) = 20 mA
IO(OUT2) = 0.1 mA
IO(OUT2) = 1 mA
IO(OUT2) = 10 mA
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT2)
vs
INPUT VOLTAGE
Figure 9
2.85
2.9
2.95
3
3.05
3.1
0.8
1
1.2
1.4
1.6
1.8
IO(OUT2) = 0.1 mA
IO(OUT2) = 1 mA
IO(OUT2) = 10 mA
IO(OUT2) = 20 mA
VI – Input Voltage – V
TPS60310, TPS60312
OUTPUT VOLTAGE (OUT2)
vs
INPUT VOLTAGE
Figure 10
1.5
2
2.5
3
3.5
0.8
1
1.2
1.4
1.6
1.8
IO(OUT1) = 0.1 mA
IO(OUT1) = 40 mA
IO(OUT1) = 10 mA
VI – Input Voltage – V
TPS6031x
OUTPUT VOLTAGE (OUT1)
vs
INPUT VOLTAGE


Similar Part No. - TPS60122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60122 TI-TPS60122 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122 TI-TPS60122 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122 TI-TPS60122 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122 TI1-TPS60122 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60122 TI1-TPS60122 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results

Similar Description - TPS60122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI-TPS60310 Datasheet
334Kb / 20P
[Old version datasheet]   SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
[Old version datasheet]   SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com