Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61015 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61015
Description  TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61015 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61015 Datasheet HTML 6Page - Texas Instruments TPS61015 Datasheet HTML 7Page - Texas Instruments TPS61015 Datasheet HTML 8Page - Texas Instruments TPS61015 Datasheet HTML 9Page - Texas Instruments TPS61015 Datasheet HTML 10Page - Texas Instruments TPS61015 Datasheet HTML 11Page - Texas Instruments TPS61015 Datasheet HTML 12Page - Texas Instruments TPS61015 Datasheet HTML 13Page - Texas Instruments TPS61015 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
VO − Output Voltage − V
0
1
2
3
4
5
6
0.5
1
1.5
2
2.5
3
3.5
TA = 85°C
TA = 25°C
TA = −40°C
VI − Input Voltage − V
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
3.5
TA = 25°C
TA = −40°C
TA = 85°C
VI − Input Voltage − V
TPS61010, TPS61011, TPS61012, TPS61013, TPS61014, TPS61015, TPS61016
SLVS314F – SEPTEMBER 2000 – REVISED AUGUST 2015
www.ti.com
Figure 13. No-Load Supply Current vs Input Voltage
Figure 14. Shutdown Supply Current vs Input Voltage
Figure 15. Switch Current Limit vs Output Voltage
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS61010 TPS61011 TPS61012 TPS61013 TPS61014 TPS61015 TPS61016


Similar Part No. - TPS61015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61015 TI-TPS61015 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61015DGS TI-TPS61015DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61015DGS TI1-TPS61015DGS Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61015DGSG4 TI1-TPS61015DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61015DGSR TI1-TPS61015DGSR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com