Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61013 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61013
Description  TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61013 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61013 Datasheet HTML 1Page - Texas Instruments TPS61013 Datasheet HTML 2Page - Texas Instruments TPS61013 Datasheet HTML 3Page - Texas Instruments TPS61013 Datasheet HTML 4Page - Texas Instruments TPS61013 Datasheet HTML 5Page - Texas Instruments TPS61013 Datasheet HTML 6Page - Texas Instruments TPS61013 Datasheet HTML 7Page - Texas Instruments TPS61013 Datasheet HTML 8Page - Texas Instruments TPS61013 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
VBAT
LBI
EN
ADEN
VOUT
LBO
FB
COMP
SW
GND
CIN
L1
R3
COUT
CC1
CC2
RC
6
9
1
8
4
2
3
10
5
7
OFF
ON
OFF
ON
VOUT
Low Battery
Warning
TPS61016
R1
R2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61010, TPS61011, TPS61012, TPS61013, TPS61014, TPS61015, TPS61016
SLVS314F – SEPTEMBER 2000 – REVISED AUGUST 2015
TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
1 Features
3 Description
The TPS6101x devices are boost converters intended
1
Integrated Synchronous Rectifier for Highest
for systems that are typically operated from a single-
Power Conversion Efficiency (> 95%)
or
dual-cell
nickel-cadmium
(NiCd),
nickel-metal
Start-Up Into Full Load With Supply Voltages as
hydride (NiMH), or alkaline battery.
Low as 0.9 V, Operating Down to 0.8 V
The converter output voltage can be adjusted from
200-mA Output Current From 0.9-V Supply
1.5 V to a maximum of 3.3 V, by an external resistor
Powersave-Mode for Improved Efficiency at Low
divider or, is fixed internally on the chip. The devices
Output Currents
provide an output current of 200 mA with a supply
voltage of only 0.9 V. The converter starts up into a
Autodischarge Allows to Discharge Output
full load with a supply voltage of only 0.9 V and stays
Capacitor During Shutdown
in operation with supply voltages down to 0.8 V.
Device Quiescent Current Less Than 50
μA
The converter is based on a fixed frequency, current
Ease-of-Use Through Isolation of Load From
mode, pulse-width-modulation (PWM) controller that
Battery During Shutdown of Converter
goes automatically into power save mode at light
Integrated Antiringing Switch Across Inductor
load. It uses a built-in synchronous rectifier, so, no
Integrated Low Battery Comparator
external Schottky diode is required and the system
efficiency is improved. The current through the switch
Micro-Small 10-Pin MSOP or 3 mm x 3 mm QFN
is limited to a maximum value of 1300 mA. The
Package
converter can be disabled to minimize battery drain.
EVM Available (TPS6101xEVM-157)
During shutdown, the load is completely isolated from
the battery.
2 Applications
An autodischarge function allows discharging the
All Single- or Dual-Cell Battery Operated Products
output capacitor during shutdown mode. This is
especially useful when a microcontroller or memory is
Internet Audio Players
supplied, where residual voltage across the output
Pager
capacitor can cause malfunction of the applications.
Portable Medical Diagnostic Equipment
When programming the ADEN-pin, the autodischarge
Remote Control
function can be disabled. A low-EMI mode is
implemented to reduce interference and radiated
Wireless Headsets
electromagnetic energy when the converter enters
the discontinuous conduction mode. The device is
Simplified Application Circuit
packaged in the micro-small space saving 10-pin
MSOP package. The TPS61010 is also available in a
3 mm x 3 mm 10-pin QFN package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
VSSOP (10)
TPS61010
3.00 mm x 3.00 mm
VSON (10)
TPS61011
TPS61012
TPS61013
VSSOP (10)
3.00 mm x 3.00 mm
TPS61014
TPS61015
TPS61016
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61013 TI-TPS61013 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61013DGS TI-TPS61013DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61013DGS TI1-TPS61013DGS Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61013DGSG4 TI1-TPS61013DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61013

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com