Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61012 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61012
Description  TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61012 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS61012 Datasheet HTML 4Page - Texas Instruments TPS61012 Datasheet HTML 5Page - Texas Instruments TPS61012 Datasheet HTML 6Page - Texas Instruments TPS61012 Datasheet HTML 7Page - Texas Instruments TPS61012 Datasheet HTML 8Page - Texas Instruments TPS61012 Datasheet HTML 9Page - Texas Instruments TPS61012 Datasheet HTML 10Page - Texas Instruments TPS61012 Datasheet HTML 11Page - Texas Instruments TPS61012 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
IO − Output Current − mA
40
50
60
70
80
90
100
0.1
1
10
100
1000
VBAT = 1.2 V,
VO = 3.3 V
IO − Output Current − mA
40
50
60
70
80
90
100
0.1
1
10
100
1000
VBAT = 2.4 V,
VO = 3.3 V
IO − Output Current − mA
40
50
60
70
80
90
100
0.1
1
10
100
1000
VBAT = 1.2 V,
VO = 1.5 V
IO − Output Current − mA
40
50
60
70
80
90
100
0.1
1
10
100
1000
VBAT = 1.2 V,
VO = 2.5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.5
1
1.5
2
VO = 1.8 V
VO = 1.5 V
VI − Input Voltage − V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0.5
1
1.5
2
2.5
3
VO = 2.5 V
VO = 3.3 V
VI − Input Voltage − V
TPS61010, TPS61011, TPS61012, TPS61013, TPS61014, TPS61015, TPS61016
SLVS314F – SEPTEMBER 2000 – REVISED AUGUST 2015
www.ti.com
Figure 1. Maximum Output Current vs Input Voltage
Figure 2. Maximum Output Current vs Input Voltage
Figure 3. Efficiency vs Output Current
Figure 4. Efficiency vs Output Current
Figure 5. Efficiency vs Output Current
Figure 6. Efficiency vs Output Current
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: TPS61010 TPS61011 TPS61012 TPS61013 TPS61014 TPS61015 TPS61016


Similar Part No. - TPS61012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61012 TI-TPS61012 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61012DGS TI-TPS61012DGS Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61012DGS TI1-TPS61012DGS Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61012DGSG4 TI1-TPS61012DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61012DGSR TI1-TPS61012DGSR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010 Datasheet
459Kb / 25P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com