Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60501 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60501
Description  TPS6050x High-Efficiency, 250-mA Step-Down Charge Pump
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60501 Datasheet(HTML) 3 Page - Texas Instruments

  TPS60501 Datasheet HTML 1Page - Texas Instruments TPS60501 Datasheet HTML 2Page - Texas Instruments TPS60501 Datasheet HTML 3Page - Texas Instruments TPS60501 Datasheet HTML 4Page - Texas Instruments TPS60501 Datasheet HTML 5Page - Texas Instruments TPS60501 Datasheet HTML 6Page - Texas Instruments TPS60501 Datasheet HTML 7Page - Texas Instruments TPS60501 Datasheet HTML 8Page - Texas Instruments TPS60501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
10
9
8
7
6
EN
PG
C2F−
C2F+
VIN
FB
GND
C1F−
OUT
C1F+
TPS60500, TPS60501, TPS60502, TPS60503
www.ti.com
SLVS391C – OCTOBER 2001 – REVISED SEPTEMBER 2015
5 Device Comparison Table
PART NUMBER(1)
OUTPUT VOLTAGE [V]
MINIMUM INPUT VOLTAGE FOR IOUT = 150 mA
TPS60500DGS
Adjustable (0.8 V to 3.3 V)
VIN > VOUT + 1
TPS60501DGS
3.3
VIN > 4.3 V
TPS60502DGS
1.8
VIN > 2.8 V
TPS60503DGS
1.5
VIN > 2.5 V
(1)
The DGS package is available taped and reeled. Add R suffix to device type (for example, TPS60500DGSR) to order quantities of 2500
devices per reel.
6 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
C1F+
6
Positive terminal of the flying capacitor C1F
C1F
8
Negative terminal of the flying capacitor C1F
C2F+
4
Positive terminal of the flying capacitor C2F
C2F
3
Negative terminal of the flying capacitor C2F
EN
1
I
Device-enable Input.
− EN = High disables the device. Output and input are isolated in shutdown mode.
− EN = Low enables the device.
GND
9
Ground
FB
10
O
TPS60500: connect via voltage divider to VO
TPS60501 to TPS60503: connect directly to VO
OUT
7
O
Regulated 3.3 V, 1.8 V, 1.5 V, or adjustable power output
Bypass OUT to GND with the output filter capacitor Co.
PG
2
O
Open drain power good detector output. As soon as the voltage on OUT reaches about 97% of its nominal
value this pin goes high.
VIN
5
I
Supply Input. Connect to an input supply in the 1.8-V to 6.5-V range.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS60500 TPS60501 TPS60502 TPS60503


Similar Part No. - TPS60501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60501 TI-TPS60501 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60501DGS TI-TPS60501DGS Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60501DGS TI1-TPS60501DGS Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60501DGSG4 TI1-TPS60501DGSG4 Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60501DGSR TI1-TPS60501DGSR Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
More results

Similar Description - TPS60501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60500 TI-TPS60500 Datasheet
509Kb / 20P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
TPS60500DGSR TI1-TPS60500DGSR Datasheet
1Mb / 24P
[Old version datasheet]   HIGH EFFICIENCY, 250-mA STEP-DOWN CHARGE PUMP
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Analog Microelectronics
AME7739 AME-AME7739 Datasheet
169Kb / 11P
   Step-Up / Step-Down 60mA Regulated Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Texas Instruments
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com