Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60200 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS60200
Description  REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60200 Datasheet(HTML) 1 Page - Texas Instruments

  TPS60200_15 Datasheet HTML 1Page - Texas Instruments TPS60200_15 Datasheet HTML 2Page - Texas Instruments TPS60200_15 Datasheet HTML 3Page - Texas Instruments TPS60200_15 Datasheet HTML 4Page - Texas Instruments TPS60200_15 Datasheet HTML 5Page - Texas Instruments TPS60200_15 Datasheet HTML 6Page - Texas Instruments TPS60200_15 Datasheet HTML 7Page - Texas Instruments TPS60200_15 Datasheet HTML 8Page - Texas Instruments TPS60200_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS60200, TPS60201, TPS60202, TPS60203
REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP
LOW POWER DC/DC CONVERTERS
SLVS274 – MARCH 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
features
D Regulated 3.3-V Output Voltage With up to
100-mA Output Current From a 1.8-V to
3.6-V Input Voltage
D Less Than 5-mV(PP) Output Voltage Ripple
Achieved With Push-Pull Topology
D Integrated Low-Battery and Power-Good
Detector
D Switching Frequency Can Be Synchronized
to External Clock Signal
D Extends Battery Usage With up to 90%
Efficiency and 35-
µA Quiescent Supply
Current
D Reliable System Shutdown Because Output
Capacitor Is Discharged When Device Is
Disabled
D Easy-To-Design, Low-Cost, Low-EMI Power
Supply Since No Inductors Are Used
D 0.05-µA Shutdown Current, Battery Is
Isolated From Load in Shutdown Mode
D Compact Converter Solution in UltraSmall
10-pin MSOP With Only Four External
Capacitors Required
D Evaluation Module Available
(TPS60200EVM-145)
applications
D Replaces DC/DC Converters With Inductors
in Battery Powered Applications Like:
– Two Battery Cells to 3.3-V Conversion
– MP3 Portable Audio Players
– Battery-Powered Microprocessor
Systems
– Backup-Battery Boost Converters
– PDA’s, Organizers, and Cordless Phones
– Handheld Instrumentation
– Glucose Meters and Other Medical
Instruments
·
description
The TPS6020x step-up, regulated charge pumps generate a 3.3-V
±4% output voltage from a 1.8-V to 3.6-V
input voltage. The devices are typically powered by two Alkaline, NiCd or NiMH battery cells and operate down
to a minimum supply voltage of 1.6 V. Continuous output current is a minimum of 100 mA for the TPS60200 and
TPS60201 and 50 mA for the TPS60202 and TPS60203, all from a 2-V input. Only four external capacitors are
needed to build a complete low-ripple dc/dc converter. The push-pull operating mode of two single-ended
charge pumps assures the low output voltage ripple as current is continuously transferred to the output.
Figure 1. Typical Application Circuit
With Low-Battery Warning
TPS60200
PEAK OUTPUT CURRENT
vs
INPUT VOLTAGE
150
100
50
0
1.6
2.0
2.4
2.8
200
250
350
3.2
3.6
300
VI – Input Voltage – V
OUTPUT
3.3 V, 100 mA
INPUT
1.6 V to 3.6 V
OFF/ON
C1
C2
R1
R2
1
2
3
4
5
6
7
8
9
10
R3
Low Battery
Warning
IN
EN
C1–
C1+
LBI
TPS60200
OUT
C2–
C2+
LBO
GND
Ci
Co
1
µF
1
µF
2.2
µF
2.2
µF
Copyright
© 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS60200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
More results

Similar Description - TPS60200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204 Datasheet
388Kb / 18P
[Old version datasheet]   REGULATED 3.3-V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60200 TI1-TPS60200_16 Datasheet
1Mb / 26P
[Old version datasheet]   TPS6020x Regulated 3.3 V, 100-mA Low-Ripple Charge Pump Low Power DC/DC Converters
TPS60101 TI-TPS60101 Datasheet
330Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
[Old version datasheet]   REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60101 TI-TPS60101_15 Datasheet
496Kb / 24P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com