Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS59650 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS59650
Description  Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS59650 Datasheet(HTML) 4 Page - Texas Instruments

  TPS59650_15 Datasheet HTML 1Page - Texas Instruments TPS59650_15 Datasheet HTML 2Page - Texas Instruments TPS59650_15 Datasheet HTML 3Page - Texas Instruments TPS59650_15 Datasheet HTML 4Page - Texas Instruments TPS59650_15 Datasheet HTML 5Page - Texas Instruments TPS59650_15 Datasheet HTML 6Page - Texas Instruments TPS59650_15 Datasheet HTML 7Page - Texas Instruments TPS59650_15 Datasheet HTML 8Page - Texas Instruments TPS59650_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
TPS51650, TPS59650
SLUSAV7
– JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended free-air temperature range, VV5 = VV5DRV = 5.0 V; VV3R3 = 3.3 V; VxGFB = VPGND = VGND, VxVFB = VCORE
(Unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY: CURRENTS, UVLO AND POWER-ON RESET
IV5+ IV5DRV , VVDAC < VxVFB < (VVDAC + 100 mV),
V5 supply current CPU: 3-phase
IV5-5
7.5
11.0
mA
active GPU: 2-phase active
VR_ON =
‘HI’
IV5+ IV5DRV, VVDAC < VxVFB < (VVDAC + 100 mV),
V5 supply current CPU: 3-phase
IV5-3
5.5
mA
active GPU: OFF
VR_ON =
‘HI’, VGCSP2= 3.3 V
IV5+ IV5DRV, VVDAC < VxVFB < (VVDAC + 100 mV),
V5 supply current CPU: 3-phase
IV5-PS3
5.5
mA
active GPU: 2-phase active(1)
VR_ON =
‘HI’, SetPS = PS3
IV5STBY
V5DRV standby current
VR_ON =
‘LO’, IV5 + IV5DRV
10
20
µA
VUVLOH
V5 UVLO
'OK' Threshold
Ramp up, VR_ON=
’HI’,
4.25
4.35
4.50
V
VUVLOL
V5 UVLO fault threshold
Ramp down, VR_ON =
’HI’,
3.95
4.10
4.30
V
V5 Power-ON Reset fault
VPORV5
1.2
1.9
2.5
V
latch(2)
IV3R3
V3R3 supply current
SVID bus idle, VR_ON =
‘HI’
0.5
1.0
mA
IV3R3SBY
V3R3 standby current
VR_ON =
‘LO’
10
µA
V3UVLOH
V3R3 UVLO
'OK' threshold
Ramp up, VR_ON=
’HI’,
2.5
2.9
3.0
V
V3UVLOL
V3R3 UVLO fault threshold
Ramp down, VR_ON =
’HI’,
2.4
2.7
2.8
V
VPORV3R3
V3R3 Power-ON Reset fault
1.2
1.9
2.5
V
latch(2)
REFERENCES: DAC, VREF, VBOOT AND DRVL DISCHARGE FOR BOTH CPU AND GPU
VVIDSTP
VID step size
Change VID0 HI to LO to HI
5
mV
0.25
≤ VxVFB ≤ 0.595V,
TPS51650
–6
6
IxPU_CORE = 0 A, 0°C ≤ TA ≤ 85°C
0.25
≤ VxVFB ≤ 0.595V,
IxPU_CORE = 0 A,
TPS59650
–7.5
7.5
–40°C ≤ TA ≤ 105°C
VDAC1
xVFB tolerance
0.6
≤ VxVFB ≤ 0.995V,
TPS51650
–5
5
IxPU_CORE = 0 A, 0°C ≤ TA ≤ 85°C
mV
0.6
≤ VxVFB ≤ 0.995V,
IxPU_CORE = 0 A,
TPS59650
–7.5
7.5
–40°C ≤ TA ≤ 105°C
1.000V
≤ VxVFB ≤ 1.520 V,
TPS51650
–0.5%
0.5%
IxPU_CORE = 0 A, 0°C ≤ TA ≤ 85°C
VDAC2
xVFB tolerance
1.000V
≤ VxVFB ≤ 1.520 V,
IxPU_CORE = 0 A,
TPS59650
–0.75%
0.75%
–40°C ≤ TA ≤ 105°C
VVREF
VREF Output
4.5 V
≤ VV5 ≤ 5.5 V, IVREF= 0 A
1.655
1.700
1.745
V
VVREFSRC
VREF output source
0
µA ≤ IVREF ≤ 500 µA
–4
–0.1
mV
VVREFSNK
VREF output sink
–500 µA ≤ IVREF ≤ 0 µA
0.1
4
mV
VDLDQ
DRVL discharge threshold
Soft-stop transistor turns on at this point.
200
300
mV
VOLTAGE SENSE: xVFB AND xGFB FOR BOTH CPU AND GPU
IxVFB
xVFB input bias current
VxVFB= 2 V, VxGFB= 0 V
20
40
µA
IxGFB
xGFB input bias current
VxVFB= 2 V, VxGFB= 0 V
-40
-20
µA
AGAINGND
xGFB/GND gain
1
V/V
(1)
3-phase CPU goes to 1-phase in PS3 2-phase GPU goes to 1-phase in PS3
(2)
Specified by design. Not production tested.
4
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - TPS59650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS59650RSLR TI1-TPS59650RSLR Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS59650RSLR TI1-TPS59650RSLR Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS59650RSLT TI1-TPS59650RSLT Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS59650RSLT TI1-TPS59650RSLT Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
More results

Similar Description - TPS59650_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51650 TI1-TPS51650_17 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI-TPS51650_15 Datasheet
1Mb / 51P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller for IMVP-7 VCORE with Two Integrated Drivers
TPS51650 TI1-TPS51650 Datasheet
1Mb / 50P
[Old version datasheet]   Dual-Channel (3-Phase CPU/2-Phase GPU) SVID, D-CAP??Step-Down Controller
TPS51640A TI1-TPS51640A Datasheet
1Mb / 54P
[Old version datasheet]   Dual-Channel (3-Phase CPU/1-Phase GPU) SVID, D-CAP??Step-Down Controller for
TPS53627 TI1-TPS53627 Datasheet
769Kb / 11P
[Old version datasheet]   2-Phase, D-CAP Step-Down Controller for VR13 CPU VCORE and DDR Memory
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Texas Instruments
TPS51513 TI-TPS51513 Datasheet
1Mb / 37P
[Old version datasheet]   SINGLE PHASE D-CAP SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE APPLICATIONS
TPS51513 TI-TPS51513_15 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP??SYNCHRONOUS BUCK CONTROLLER WITH INTEGRATED DRIVERS FOR GENERAL IC VCORE??APPLICATIONS
logo
ON Semiconductor
NCP6132AMNR2G ONSEMI-NCP6132AMNR2G Datasheet
270Kb / 31P
   Dual Output 3 Phase & 2 Phase Controller with Single SVID Interface for Desktop and Notebook CPU Applications
March, 2012 ??Rev. P1
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com