Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS57114-EP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS57114-EP
Description  TPS57114-EP 2.95-V to 6-V Input, 3.5-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS57114-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS57114-EP_15 Datasheet HTML 3Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 4Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 5Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 6Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 7Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 8Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 9Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 10Page - Texas Instruments TPS57114-EP_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TPS57114-EP
www.ti.com
SLVSCG0 – JULY 2014
Electrical Characteristics (continued)
TJ = –55°C to 150°C, VIN = 2.95 to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT
V(VIN) = 2.95 V, 25°C < TJ < 150°C
5
6.4
TJ = –55°C
4
Current-limit threshold
A
V(VIN) = 6 V, 25°C < TJ < 150°C
4.4
5.56
TJ = –55°C
4
THERMAL SHUTDOWN
Thermal shutdown
168
°C
Hysteresis
20
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
Switching frequency range using RT mode
200
2000
kHz
Switching frequency
R(RT/CLK) = 400 kΩ
400
500
600
kHz
Switching frequency range using CLK mode
300
2000
kHz
Minimum CLK pulse duration
80
ns
RT/CLK voltage
R(RT/CLK) = 400 kΩ
0.5
V
RT/CLK high threshold
1.6
2.5
V
RT/CLK low threshold
0.4
0.6
V
RT/CLK falling edge to PH rising edge delay
Measure at 500 kHz with RT resistor in series
90
ns
PLL lock in time
Measure at 500 kHz
42
µs
PH (PH PIN)
Measured at 50% points on PH, IOUT = 3.5 A
75
Minimum on-time
ns
Measured at 50% points on PH, V(VIN) = 6 V,
120
IOUT = 0 A
Prior to skipping off pulses, BOOT-PH = 2.95 V,
Minimum off-time
60
ns
IOUT = 3.5 A
Rise time
2.25
V(VIN) = 6 V, 3.5 A
V/ns
Fall time
2
BOOT (BOOT PIN)
BOOT charge resistance
V(VIN) = 5 V
16
BOOT-PH UVLO
V(VIN) = 2.95 V
2.1
V
SLOW START AND TRACKING (SS/TR PIN)
Charge current
V(SS/TR) = 0.4 V
2
µA
SS/TR to VSENSE matching
V(SS/TR) = 0.4 V
54
mV
SS/TR to reference crossover
98% normal
1.1
V
SS/TR discharge voltage (overload)
V(VSENSE) = 0 V
60
mV
SS/TR discharge current (overload)
V(VSENSE) = 0 V, V(SS/TR) = 0.4 V
350
µA
SS discharge current (UVLO, EN, thermal fault)
V(VIN) = 5 V, V(SS) = 0.5 V
1.9
mA
POWER-GOOD (PWRGD PIN)
V(VSENSE) falling (fault)
91
V(VSENSE) rising (good)
93
VSENSE threshold
%V(VREF)
V(VSENSE) rising (fault)
109
V(VSENSE) falling (good)
107
Hysteresis
V(VSENSE) falling
2
%V(VREF)
Output high leakage
V(VSENSE) = V(VREF), V(PWRGD) = 5.5 V
7
nA
On-resistance
56
100
Output low
I(PWRGD) = 3 mA
0.3
V
Minimum VIN for valid output
V(PWRGD) < 0.5 V at 100 µA
0.650
1.5
V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS57114-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
More results

Similar Description - TPS57114-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54519RTER TI-TPS54519RTER Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com