Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7938DP Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SI7938DP
Description  Dual N-Channel 40-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7938DP Datasheet(HTML) 5 Page - Vishay Telefunken

  SI7938DP Datasheet HTML 1Page - Vishay Telefunken SI7938DP Datasheet HTML 2Page - Vishay Telefunken SI7938DP Datasheet HTML 3Page - Vishay Telefunken SI7938DP Datasheet HTML 4Page - Vishay Telefunken SI7938DP Datasheet HTML 5Page - Vishay Telefunken SI7938DP Datasheet HTML 6Page - Vishay Telefunken SI7938DP Datasheet HTML 7Page - Vishay Telefunken SI7938DP Datasheet HTML 8Page - Vishay Telefunken SI7938DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 65365
S09-1923-Rev. A, 28-Sep-09
www.vishay.com
5
Vishay Siliconix
Si7938DP
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
0
20
40
60
80
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
Power Derating, Junction-to-Case
0
15
30
45
60
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.5
1.0
1.5
2.0
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)


Similar Part No. - SI7938DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
SI7938DP VISHAY-SI7938DP Datasheet
371Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7938DP-T1-GE3 VISHAY-SI7938DP-T1-GE3 Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
SI7938DP-T1-GE3 VISHAY-SI7938DP-T1-GE3 Datasheet
371Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI7938DP VISHAY-SI7938DP_V01 Datasheet
371Kb / 13P
   Dual N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7938DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com