Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7216DN Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SI7216DN
Description  Dual N-Channel 40-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7216DN Datasheet(HTML) 3 Page - Vishay Telefunken

  SI7216DN Datasheet HTML 1Page - Vishay Telefunken SI7216DN Datasheet HTML 2Page - Vishay Telefunken SI7216DN Datasheet HTML 3Page - Vishay Telefunken SI7216DN Datasheet HTML 4Page - Vishay Telefunken SI7216DN Datasheet HTML 5Page - Vishay Telefunken SI7216DN Datasheet HTML 6Page - Vishay Telefunken SI7216DN Datasheet HTML 7Page - Vishay Telefunken SI7216DN Datasheet HTML 8Page - Vishay Telefunken SI7216DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 73771
S11-1142-Rev. C, 13-Jun-11
www.vishay.com
3
Vishay Siliconix
Si7216DN
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Pulse test; pulse width
 300 µs, duty cycle  2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
6
A
Pulse Diode Forward Currenta
ISM
20
Body Diode Voltage
VSD
IS = 2 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 3.2 A, dI/dt = 100 A/µs,
TJ = 25 °C
50
75
ns
Body Diode Reverse Recovery Charge
Qrr
40
60
nC
Reverse Recovery Fall Time
ta
35
ns
Reverse Recovery Rise Time
tb
15


Similar Part No. - SI7216DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7216DN VISHAY-SI7216DN Datasheet
575Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jun-11
SI7216DN VISHAY-SI7216DN Datasheet
569Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
01-Jan-2022
SI7216DN-T1-E3 VISHAY-SI7216DN-T1-E3 Datasheet
575Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jun-11
SI7216DN-T1-GE3 VISHAY-SI7216DN-T1-GE3 Datasheet
575Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 13-Jun-11
SI7216DN VISHAY-SI7216DN_V01 Datasheet
569Kb / 14P
   Dual N-Channel 40-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7216DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. C, 16-Nov-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
   Dual N-Channel 40-V (D-S) MOSFET
Rev. A, 28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
   Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
9960M VBSEMI-9960M Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
AO4884 VBSEMI-AO4884 Datasheet
1Mb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
VB3420 VBSEMI-VB3420 Datasheet
716Kb / 9P
   Dual N-Channel 40 V (D-S) MOSFET
VBA3410 VBSEMI-VBA3410 Datasheet
614Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
logo
Leshan Radio Company
LDN4818T1G LRC-LDN4818T1G Datasheet
327Kb / 3P
   Dual N-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
NTMD5836NLR2G VBSEMI-NTMD5836NLR2G Datasheet
1,004Kb / 9P
   Dual N-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com