Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGBR20S45C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR20S45C
Description  DUAL MOS GATED BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR20S45C Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR20S45C_15 Datasheet HTML 1Page - Unisonic Technologies MGBR20S45C_15 Datasheet HTML 2Page - Unisonic Technologies MGBR20S45C_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR20S45C
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-141.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
Per Leg
10
A
Average Rectified Forward Current
(Rated VR-20KHz Square Wave) –
50% duty cycle
Total
IO
20
A
Peak Forward Surge Current - 1/2 60Hz
IFSM
180
A
Peak Repetitive Reverse Surge Current (2μS-1KHz)
IRRM
2
A
Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/μS
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F
62.5
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220
2
TO-220F
3.31
Junction to Case
TO-252
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS-(PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
(Note 1)
V(BR)R
IR=0.45mA
45
V
IF=10A, TJ=25°C
0.48
V
Instantaneous Forward Voltage
VFM
IF=10A, TJ=125°C
0.43
V
VR=45V, TJ=25°C
500
μA
Instantaneous Reverse Current
(Note 1)
IRM
VR=45V, TJ=125°C
100
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - MGBR20S45C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR20S45CG-TA3-T UTC-MGBR20S45CG-TA3-T Datasheet
123Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20S45CG-TN3-T UTC-MGBR20S45CG-TN3-T Datasheet
123Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20S45CL-TA3-T UTC-MGBR20S45CL-TA3-T Datasheet
123Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20S45CL-TN3-T UTC-MGBR20S45CL-TN3-T Datasheet
123Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
More results

Similar Description - MGBR20S45C_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR20V45C UTC-MGBR20V45C Datasheet
123Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20L60C UTC-MGBR20L60C Datasheet
164Kb / 4P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20V60C UTC-MGBR20V60C_15 Datasheet
139Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20U60C UTC-MGBR20U60C Datasheet
121Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR30S50C UTC-MGBR30S50C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR30U50C UTC-MGBR30U50C Datasheet
118Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR30V50C UTC-MGBR30V50C Datasheet
131Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20L45C UTC-MGBR20L45C_15 Datasheet
163Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20L60 UTC-MGBR20L60_15 Datasheet
158Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
MGBR20V60C UTC-MGBR20V60C Datasheet
127Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com