Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9201SG Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE9201SG
Description  6 A H-Bridge with SPI
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9201SG Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE9201SG Datasheet HTML 4Page - Infineon Technologies AG TLE9201SG Datasheet HTML 5Page - Infineon Technologies AG TLE9201SG Datasheet HTML 6Page - Infineon Technologies AG TLE9201SG Datasheet HTML 7Page - Infineon Technologies AG TLE9201SG Datasheet HTML 8Page - Infineon Technologies AG TLE9201SG Datasheet HTML 9Page - Infineon Technologies AG TLE9201SG Datasheet HTML 10Page - Infineon Technologies AG TLE9201SG Datasheet HTML 11Page - Infineon Technologies AG TLE9201SG Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Data Sheet
8
Rev. 1.0, 2014-02-25
TLE9201SG
Block Description
4.3
Output Stages
The output stages consist of four n-channel mosfets in H-bridge configuration. The outputs are protected against
short circuits and over temperature.
The bridge is controlled using the inputs PWM and DIR. The signal at DIR is defining the direction of the driven
DC motor whereas the PWM signal sets the duty cycle.
The outputs can be set tristate (i.e. high side and low side switches are turned off) by setting DIS to high level.
Figure 4-2 Operation Modes
Table 4-1
Output Truth Table
DIS
PWM
DIR
OUT1
OUT2
Comment
1
X
X
Z
Z
disabled, outputs tristate
0
1
1
H
L
forward / clockwise
0
1
0
L
H
reverse / counterclockwise
0
0
1
H
Z
freewheeling in HS (forward)
0
0
0
Z
H
freewheeling in HS (reverse)
HS1
ON
M
LS1
OFF
HS2
OFF
LS2
ON
DIR=1, PWM=1
Forward
IL
HS1
OFF
M
LS1
ON
HS2
ON
LS2
OFF
DIR=0, PWM=1
Reverse
I
L
HS1
ON
LS1
OFF
DIR=1, PWM=0
Freewheeling Through HS 2
Body Diode (Forward)
M
HS2
OFF
LS2
OFF
IL
DIR=0, PWM=0
Freewheeling Through HS 1
Body Diode (Reverse)
HS1
OFF
M
LS1
OFF
HS2
ON
LS2
OFF
IL


Similar Part No. - TLE9201SG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9202ED INFINEON-TLE9202ED Datasheet
1Mb / 28P
   Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-09-29
More results

Similar Description - TLE9201SG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX9201SG INFINEON-IFX9201SG_15 Datasheet
1Mb / 27P
   6 A H-Bridge with SPI
Rev. 1.1, 2015-02-15
IFX9202ED INFINEON-IFX9202ED Datasheet
1Mb / 28P
   Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-12-01
TLE9202ED INFINEON-TLE9202ED Datasheet
1Mb / 28P
   Dual 6 A H-Bridge With SPI
Rev. 1.0 2016-09-29
TLE8209-2SA INFINEON-TLE8209-2SA_12 Datasheet
703Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.2, Dec. 2012
logo
STMicroelectronics
L9929 STMICROELECTRONICS-L9929 Datasheet
629Kb / 23P
   SPI CONTROLLED H-BRIDGE
May 2005 Rev. 2
L9230 STMICROELECTRONICS-L9230 Datasheet
218Kb / 25P
   SPI CONTROLLED H-BRIDGE
logo
Infineon Technologies A...
TLE8209-2 INFINEON-TLE8209-2 Datasheet
758Kb / 41P
   SPI Programmable H-Bridge
Rev. 1.4, October 2014
TLE8209-2SA INFINEON-TLE8209-2SA Datasheet
504Kb / 38P
   SPI Programmable H-Bridge
Rev. 1.0, Feb. 2010
TLD5541-1QV INFINEON-TLD5541-1QV Datasheet
4Mb / 82P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.0, 2016-05-20
TLD5541-1 INFINEON-TLD5541-1_18 Datasheet
3Mb / 81P
   H-Bridge DC/DC Controller with SPI Interface
Rev. 1.1 2018-02-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com