Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4296-2GV33 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4296-2GV33
Description  Low Drop Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4296-2GV33 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4296-2GV33 Datasheet HTML 4Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 5Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 6Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 7Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 8Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 9Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 10Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 11Page - Infineon Technologies AG TLE4296-2GV33 Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TLE4296-2
Application Information
Data Sheet
9
Rev. 1.13, 2014-03-18
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 3
Application Diagram
In the TLE4296-2 the output voltage is divided and compared to an internal reference of 2.5 V typical. The
regulation loop controls the output to achieve a stabilized output voltage.
Figure 3 shows a typical application circuit. In order to maintain the stability of the control loop the TLE4296-2
output requires an output capacitor
C
Q of at least 3.3 μF with a maximum permissible ESR of 2 Ω. It is
recommended to use a multi layer ceramic capacitor for
C
Q, e.g. the TDK C3216X7R1C475M with a nominal
capacitance of 4.7
μF. Aluminum electrolytic as well as tantalum capacitors do not cover the required ESR range
over the full operating temperature range of
T
j = -40 °C to +150 °C.
At the input of the regulator an input capacitor is necessary for compensating line influences (100 nF ceramic
capacitor recommended). A resistor of approx. 1 Ω in series with
C
I, can damp any oscillation occurring due the
input inductivity and the input capacitor. If the regulator is sourced via long input lines of several meters it is
recommended to place an additional electrolytic capacitor ≥ 47
μF at the input.
TLE 4296-2G
C Ι
AES02313_4296-2
CQ
100 nF
1
Inhibit
3
4
2,5
4.7
μF
3.0V / 3.3V / 5.0V
GND
INH
Ι
VQ
+ 0.5V to 45V
,nom
Q
e.g. TDK
C3216X7R1C475M


Similar Part No. - TLE4296-2GV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
217Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.0, 2004-01-01
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
225Kb / 12P
   Low Drop Voltage Regulator Two versions: 3.3 V, 5.0 V
Rev. 1.1, 2008-01-28
TLE4296-2GV33 INFINEON-TLE4296-2GV33 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
More results

Similar Description - TLE4296-2GV33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
   LOW DROP VOLTAGE REGULATOR
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
   Low drop voltage regulator
September 2013 Rev 9
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
   Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
   Low-Drop Voltage Regulator
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D Datasheet
268Kb / 10P
   LOW DROP VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
   Low-Drop Voltage Regulator
Version 2.2 2000-10-11
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
   Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
TLE4274 INFINEON-TLE4274_11 Datasheet
315Kb / 16P
   Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
   LOW-DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com