Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW40N60RF Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IHW40N60RF
Description  Powerful monolithic body diode with low forward voltage designed for soft commutation only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW40N60RF Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IHW40N60RF_15 Datasheet HTML 4Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 5Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 6Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 7Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 8Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 9Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 10Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 11Page - Infineon Technologies AG IHW40N60RF_15 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
IHW40N60RF
ResonantSwitchingSeries
Rev.2.6,2015-01-26
Figure 5.
Typicaloutputcharacteristic
(Tvj=25°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
1
2
3
4
5
0
20
40
60
80
100
120
VGE=20V
17V
15V
13V
11V
9V
7V
Figure 6.
Typicaloutputcharacteristic
(Tvj=175°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
1
2
3
4
5
0
20
40
60
80
100
120
VGE=20V
17V
15V
13V
11V
9V
7V
Figure 7.
Typicaltransfercharacteristic
(VCE=20V)
VGE,GATE-EMITTERVOLTAGE[V]
4
5
6
7
8
9
10
11
12
0
20
40
60
80
100
120
Tj=25°C
Tj=175°C
Figure 8.
Typicalcollector-emittersaturationvoltageas
afunctionofjunctiontemperature
(VGE=15V)
Tvj,JUNCTIONTEMPERATURE[°C]
25
50
75
100
125
150
175
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IC=20A
IC=40A
IC=80A


Similar Part No. - IHW40N60RF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW40N60RF INFINEON-IHW40N60RF Datasheet
794Kb / 12P
   powerful monolithic body diode with low forward voltage
2010-03-02 revision:2.3
More results

Similar Description - IHW40N60RF_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW40N60RF INFINEON-IHW40N60RF Datasheet
794Kb / 12P
   powerful monolithic body diode with low forward voltage
2010-03-02 revision:2.3
IHW30N120R INFINEON-IHW30N120R Datasheet
977Kb / 12P
   IGBT with monolithic body diode for soft switching Applications
Rev. 2.2 May 06
IHW15N120E1 INFINEON-IHW15N120E1_16 Datasheet
1Mb / 14P
   Reverse conducting IGBT with monolithic body Diode for soft-switching
Rev.2.1,2016-07-29
IHW25N120E1 INFINEON-IHW25N120E1 Datasheet
1Mb / 14P
   Reverse conducting IGBT with monolithic body Diode for soft-switching
Rev.2.1,2016-07-29
IHW15N120E1 INFINEON-IHW15N120E1 Datasheet
1Mb / 14P
   Reverse conducting IGBT with monolithic body Diode for soft-switching
Rev.2.1,2016-07-29
logo
International Rectifier
IRFH4210DPBF IRF-IRFH4210DPBF_15 Datasheet
495Kb / 9P
   Schottky Intrinsic Diode with Low Forward Voltage
IRFH4213DPBF IRF-IRFH4213DPBF_15 Datasheet
508Kb / 9P
   Schottky Intrinsic Diode with Low Forward Voltage
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com