Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA7L1N6 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BGA7L1N6
Description  Silicon Germanium Low Noise Amplifier for LTE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA7L1N6 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BGA7L1N6 Datasheet HTML 4Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 5Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 6Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 7Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 8Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 9Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 10Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 11Page - Infineon Technologies AG BGA7L1N6 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BGA7L1N6
Features
Data Sheet
8
Revision 3.1 (Min/Max), 2014-02-11
Description
The BGA7L1N6 is a front-end low noise amplifier for LTE which covers a wide frequency range from 728 MHz to
960 MHz. The LNA provides 13.3 dB gain and 0.90 dB noise figure at a current consumption of 4.4 mA in the
application configuration described in Chapter 3. The BGA7L1N6 is based upon Infineon Technologies‘ B7HF
Silicon Germanium technology. It operates from 1.5 V to 3.3 V supply voltage.
Pin Definition and Function
Table 1
Pin Definition and Function
Pin No.
Name
Function
1
GND
Ground
2
VCC
DC supply
3
AO
LNA output
4
GND
Ground
5
AI
LNA input
6
PON
Power on control


Similar Part No. - BGA7L1N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA7L1N6 INFINEON-BGA7L1N6 Datasheet
220Kb / 2P
   Infineon?셲 New LTE Low Noise Amplifiers Almost Double Smartphone Data Rates
04/2014
BGA7L1N6E6327XTSA1 INFINEON-BGA7L1N6E6327XTSA1 Datasheet
220Kb / 2P
   Infineon?셲 New LTE Low Noise Amplifiers Almost Double Smartphone Data Rates
04/2014
More results

Similar Description - BGA7L1N6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA7M1N6 INFINEON-BGA7M1N6 Datasheet
1Mb / 22P
   Silicon Germanium Low Noise Amplifier for LTE
Revision 3.1, 2014-02-11
BGA7H1N6 INFINEON-BGA7H1N6 Datasheet
1Mb / 19P
   Silicon Germanium Low Noise Amplifier for LTE
Revision 3.1, 2014-02-11
BGA824N6 INFINEON-BGA824N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2013-06-24
BGA715N7 INFINEON-BGA715N7 Datasheet
1Mb / 15P
   Silicon Germanium Low Noise Amplifier
Revision 1.0, 2013-01-29
BGA524N6 INFINEON-BGA524N6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 3.0, 2014-01-24
BGA825L6S INFINEON-BGA825L6S Datasheet
806Kb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.1, 2012-10-17
BGA725L6 INFINEON-BGA725L6 Datasheet
1Mb / 16P
   Silicon Germanium Low Noise Amplifier
Revision 2.0, 2012-03-09
BGA915N7 INFINEON-BGA915N7 Datasheet
1Mb / 16P
   Silicon Germanium GPS Low Noise Amplifier
Revision 4.0, 2011-03-23
BGA461 INFINEON-BGA461 Datasheet
76Kb / 8P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.1, Jan. 2009
BGA615L7 INFINEON-BGA615L7 Datasheet
351Kb / 13P
   Silicon Germanium GPS Low Noise Amplifier
Rev.1.3, Feb. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com