Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR340L3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BFR340L3
Description  Ideal for low current amplifiers and oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR340L3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BFR340L3 Datasheet HTML 1Page - Infineon Technologies AG BFR340L3 Datasheet HTML 2Page - Infineon Technologies AG BFR340L3 Datasheet HTML 3Page - Infineon Technologies AG BFR340L3 Datasheet HTML 4Page - Infineon Technologies AG BFR340L3 Datasheet HTML 5Page - Infineon Technologies AG BFR340L3 Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2013-09-03
4
BFR340L3
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 °C
150
TS
0
10
20
30
40
50
mW
70


Similar Part No. - BFR340L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR340L3 INFINEON-BFR340L3 Datasheet
101Kb / 4P
   NPN Silicon RF Transistor
Jun-16-2003
BFR340L3 INFINEON-BFR340L3 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor
2007-03-30
BFR340L3 INFINEON-BFR340L3_07 Datasheet
52Kb / 6P
   NPN Silicon RF Transistor
2007-03-30
More results

Similar Description - BFR340L3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BFX73-2N918 STMICROELECTRONICS-BFX73-2N918 Datasheet
115Kb / 5P
   HIGH-FREQUENCY OSCILLATORS AND AMPLIFIERS
logo
Ohmite Mfg. Co.
RES-60-4TERM OHMITE-RES-60-4TERM Datasheet
341Kb / 1P
   Ideal for current sensing applications
RES-10 OHMITE-RES-10 Datasheet
427Kb / 2P
   Ideal for current sensing applications
logo
Analog Devices
LTC4372 AD-LTC4372 Datasheet
1Mb / 20P
   Low Quiescent Current Ideal Diode Controller
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
   Ideal for backlight and indicator
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
   Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
   Ideal for backlight and indicator
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
   Ideal for backlight and indicator
APBA3010SURKCGKC-GX KINGBRIGHT-APBA3010SURKCGKC-GX Datasheet
285Kb / 6P
   Ideal for backlight and indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com