Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR340F Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFR340F
Description  General purpose Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR340F Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFR340F_13 Datasheet HTML 1Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 2Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 3Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 4Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 5Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 6Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 7Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 8Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
2013-11-06
5
BFR340F
Total power dissipation Ptot = ƒ(TS)
0
15
30
45
60
75
90 105 120 A
150
0
10
20
30
40
50
60
V
80
Collector-base capacitance Ccb= ƒ(VCB)
f = 1MHz
0
2
4
6
8
10
12
V
16
VCB
0
0.05
0.1
0.15
0.2
0.25
0.3
pF
0.4
Third order Intercept Point IP3=ƒ(IC)
(Output, ZS=ZL=50Ω)
VCE = parameter, f = 1.9GHz
0
2
4
6
8
mA
11
IC
-16
-12
-8
-4
0
4
8
12
16
20
dBm
28
5V
3V
2.5V
2V
1.5V
1V
Transition frequency fT= ƒ(IC)
f = 1GHz
VCE = parameter
0
2
4
6
8
mA
12
IC
0
2
4
6
8
10
12
GHz
16
5V
3V
2V
1V
0.75V


Similar Part No. - BFR340F_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_10 Datasheet
619Kb / 12P
   NPN Silicon RF Transistor
2010-05-17
More results

Similar Description - BFR340F_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314_1 Datasheet
347Kb / 12P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
NXP Semiconductors
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com