Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFR340F Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BFR340F
Description  General purpose Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR340F Datasheet(HTML) 3 Page - Infineon Technologies AG

  BFR340F_13 Datasheet HTML 1Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 2Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 3Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 4Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 5Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 6Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 7Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 8Page - Infineon Technologies AG BFR340F_13 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2013-11-06
3
BFR340F
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics (verified by random sampling)
Transition frequency
IC = 6 mA, VCE = 3 V, f = 1 GHz
fT
11
14
-
GHz
Collector-base capacitance
VCB = 5 V, f = 1 MHz, VBE = 0 ,
emitter grounded
Ccb
-
0.21
0.4
pF
Collector emitter capacitance
VCE = 5 V, f = 1 MHz, VBE = 0 ,
base grounded
Cce
-
0.17
-
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz, VCB = 0 ,
collector grounded
Ceb
-
0.11
-
Minimum noise figure
IC = 3 mA, VCE = 1.5 V, ZS = ZSopt, f = 100 MHz
IC = 1 mA, VCE = 1.5 V, ZS = ZSopt, f = 1.9 GHz
IC = 1 mA, VCE = 1.5 V, ZS = ZSopt, f = 2.4 GHz
NFmin
-
-
-
0.9
1
1.2
-
-
-
dB


Similar Part No. - BFR340F_13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_10 Datasheet
619Kb / 12P
   NPN Silicon RF Transistor
2010-05-17
More results

Similar Description - BFR340F_13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314_1 Datasheet
347Kb / 12P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
NXP Semiconductors
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com