Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L10064-01B Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # L10064-01B
Description  Transmitter/Receiver photo IC for optical link
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L10064-01B Datasheet(HTML) 2 Page - Hamamatsu Corporation

  L10064-01B_15 Datasheet HTML 1Page - Hamamatsu Corporation L10064-01B_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transmitter/receiver photo IC for optical link
L10063-01, S10064-01B
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2008 Hamamatsu Photonics K.K.
Cat. No. KPIC1065E02
Mar. 2008 DN
2
s Electrical and optical characteristics (Ta= -40 to +105 °C, Vcc= 4.75 to 5.25 V *7)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Current consumption
Icc
Vin= 2.0 V, Rcont=13.5 k
--
40
mA
Peak emission wavelength
λp
630
650
670
nm
Spectral half width (FWHM)
∆λ
-20
30
nm
Fiber coupled optical output 1
Po1
Rcont=13.5 k
Ω *8, *9
-9
-
-2
dBm
Fiber coupled optical output 2
Po2
Rcont=27 k
Ω *8, *9
-12.5
-
-4.5
dBm
Extinction ratio
re
10
-
-
dB
Rise time at pulse drive
tr
20 to 80 % *8
--
6.0
ns
Fall time at pulse drive
tf
80 to 20 % *8
-
-
6.0
ns
Pulse width variation
tpwv
50 % *8
, *10
19.99
-
24.29
ns
Pulse width distortion (average value)
tapwd
50 % *8
, *10
-1.39
-
+1.39
ns
*
7: A bypass capacitor (0.1 µF) connected between Vcc and GND at a position within 3 mm from the lead, and a 10 µF capacitor
is also connected to the power supply line nearby.
The center of the optical fiber is aligned with the center of the package lens.
The distance between the fiber end and the lens top is 0.1 mm.
*
8: Measured with input signals conforming to SP1 MOST specification of physical layer Rev 1.1 Addendum B.
*9: Average value measured with a plastic fiber (
φ1 mm, SI-POF, NA=0.5, 1 m) made by Mitsubishi Rayon.
*10: Measured with BiPhase PRBS at 45.2 Mbps (NRZ signal conversion).
s Dimensional outlines (unit: mm)
L10063-01
s Mode output waveform
KPICC0095EA
s Output waveform example
tso
tos
Voh
Vmh
Vol
INPUT SIGNAL DATA
OPTICAL INPUT
NO INPUT SIGNAL
MODE OUTPUT
OUTPUT VOLTAGE
OUTPUT DATA
Vml
S10064-01B
2.03
2.94
5.92
(2 ×) d = 0.8 ± 0.05
7.2 ± 0.2 (INCLUDING BURR)
8.98 ± 0.2 (INCLUDING BURR)
2.54
(4 ×) 0.5 ± 0.05
2.54
(SPECIFIED AT THE LEAD ROOT)
(SPECIFIED AT THE LEAD ROOT)
2.54
1.07
a’
a
1.27
(4 ×) 0.25 ± 0.05
2.72
1.57
0.97
2.0 DEPTH 0.15 MAX.
0.6
0.05
+ 0.05
a-a’ CROSS SECTION
0.23
- 0.03
Pin No.
S10064-01B
Vcc
GND
MODEOUT
Vout
L10063-01
VIN
GND
Vcc
Cont
2.03
2.94
5.92
(2 ×) d = 0.8 ± 0.05
7.2 ± 0.2 (INCLUDING BURR)
8.98 ± 0.2 (INCLUDING BURR)
2.54
(4 ×) 0.5 ± 0.05
2.54 2.54
1.07
a’
a
1.27
EMITTING POINT
ACTIVE
AREA
Tolerance unless otherwise
noted: ±0.1, ±
R0.3 MAX.
Values in parentheses indicate
reference value.
Lead surface finish: Pd plating
Shaded area indicates burr.
KPICA0067EB
L10063-01
Vertical axis: 1 V/div., Horizontal axis: 5 ns/div.
(Ta=25 °C, Vcc=5.25 V, Pi= -26 dBm,
RL=50 k
Ω, CL=15 pF, 45.2 Mbps)


Similar Part No. - L10064-01B_15

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L1006 GILWAY-L1006 Datasheet
109Kb / 3P
   Focused Lens-End Lamps
logo
Hamamatsu Corporation
L10063-01 HAMAMATSU-L10063-01 Datasheet
121Kb / 2P
   Transmitter/Receiver photo IC for optical link For MOST automotive network, 50 Mbps band POF communications
More results

Similar Description - L10064-01B_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8628 HAMAMATSU-L8628 Datasheet
160Kb / 2P
   Transmitter/receiver photo IC for optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
L11354-01 HAMAMATSU-L11354-01_15 Datasheet
683Kb / 12P
   Photo IC for optical link
L10663-01 HAMAMATSU-L10663-01 Datasheet
554Kb / 3P
   Transmitter/Receiver photo IC for optical link 3.3 V operation, for MOST automotive network
S7727 HAMAMATSU-S7727 Datasheet
67Kb / 2P
   Photo IC for optical link Receiver for 156 Mbps POF communications
L10063-01 HAMAMATSU-L10063-01 Datasheet
121Kb / 2P
   Transmitter/Receiver photo IC for optical link For MOST automotive network, 50 Mbps band POF communications
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com