Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54627 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54627
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54627 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54627_15 Datasheet HTML 4Page - Texas Instruments TPS54627_15 Datasheet HTML 5Page - Texas Instruments TPS54627_15 Datasheet HTML 6Page - Texas Instruments TPS54627_15 Datasheet HTML 7Page - Texas Instruments TPS54627_15 Datasheet HTML 8Page - Texas Instruments TPS54627_15 Datasheet HTML 9Page - Texas Instruments TPS54627_15 Datasheet HTML 10Page - Texas Instruments TPS54627_15 Datasheet HTML 11Page - Texas Instruments TPS54627_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TPS54627
SLVSBW6A – APRIL 2013 – REVISED SEPTEMBER 2013
www.ti.com
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current IOUT. The TPS54627 constantly
monitors the low-side FET switch voltage, which is proportional to the switch current, during the low-side on-time.
If the measured voltage is above the voltage proportional to the current limit, an internal counter is incremented
per each SW cycle and the converter maintains the low-side switch on until the measured voltage is below the
voltage corresponding to the current limit at which time the switching cycle is terminated and a new switching
cycle begins. In subsequent switching cycles, the on-time is set to a fixed value and the current is monitored in
the same manner. If the over current condition exists for 7 consecutive switching cycles, the internal OCL
threshold is set to a lower level, reducing the available output current. When a switching cycle occurs where the
switch current is not above the lower OCL threshold, the counter is reset and the OCL limit is returned to the
higher value.
There are some important considerations for this type of over-current protection. The peak current is the average
load current plus one half of the peak-to-peak inductor current. The valley current is the average load current
minus one half of the peak-to-peak inductor current. Since the valley current is used to detect the over-current
threshold, the load current is higher than the over-current threshold. Also, when the current is being limited, the
output voltage tends to fall. When the VFB voltage becomes lower than 65% of the target voltage, the UVP
comparator detects it. If the under-voltage condition persists for 250 µs, the device will shut down and re-start in
hiccup mode after 7 times the SS period. When the over current condition is removed, the output voltage will
return to the regulated value. This protection is non-latching.
Over Voltage Protection
TPS54627 detects over and under voltage conditions by monitoring the feedback voltage (VFB). This function is
enabled after approximately 1.7 x times the soft start time. When the feedback voltage becomes higher than
125% of the target voltage, the OVP comparator output goes high and both the high-side MOSFET driver and
the low-side MOSFET driver turn off. This function is non-latch operation.
UVLO Protection
Undervoltage lock out protection (UVLO) monitors the voltage of the VREG5 pin. When the VREG5 voltage is lower
than UVLO threshold voltage, the TPS54627 is shut off. This protection is non-latching.
Thermal Shutdown
TPS54627 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 165°C),
the device is shut off. This is non-latch protection.
8
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS54627


Similar Part No. - TPS54627_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54627DDA TI-TPS54627DDA Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54627DDAR TI-TPS54627DDAR Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
More results

Similar Description - TPS54627_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com