Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54613 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54613
Description  TPS5461x 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher With Integrated FETs (SWIFT??
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54613 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54613 Datasheet HTML 1Page - Texas Instruments TPS54613 Datasheet HTML 2Page - Texas Instruments TPS54613 Datasheet HTML 3Page - Texas Instruments TPS54613 Datasheet HTML 4Page - Texas Instruments TPS54613 Datasheet HTML 5Page - Texas Instruments TPS54613 Datasheet HTML 6Page - Texas Instruments TPS54613 Datasheet HTML 7Page - Texas Instruments TPS54613 Datasheet HTML 8Page - Texas Instruments TPS54613 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS54611, TPS54612, TPS54613
TPS54614, TPS54615, TPS54616
www.ti.com
SLVS400D – AUGUST 2001 – REVISED JANUARY 2015
Dissipation Ratings
(1)(2) (continued)
TA = 25°C
TA = 70 °C
TA = 85 °C
UNIT
POWER RATING
POWER RATING
POWER RATING
28 Pin PWP without Solder
2.48
1.36
0.99
W
6.5 Electrical Characteristics
TJ = –40°C to 125°C, VI = 3 V to 6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
VIN
Input voltage range
3.0
6.0
V
fs = 350 kHz, FSEL ≤ 0.8 V, RT open, phase pin open
6.2
9.6
I(Q)
Quiescent current
fs = 550 kHz, FSEL ≤ 2.5 V, RT open, phase pin open
8.4
12.8
mA
Shutdown, SS/ENA = 0 V
1
1.4
UNDERVOLTAGE LOCK OUT
Start threshold voltage
2.95
3.0
V
Stop threshold voltage
2.70
2.80
V
UVLO
Hysteresis voltage
0.14
0.16
V
Rising and falling edge deglitch(1)
2.5
µs
BIAS VOLTAGE
Output voltage
I(VBIAS) = 0
2.70
2.80
2.90
V
VBIAS
Output current(2)
100
µA
OUTPUT VOLTAGE
TJ = 25°C, VIN = 5 V
0.9
TPS54611
V
3 V
≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40°C ≤ TJ ≤ 125°C
–2.0%
2.0%
TJ = 25°C, VIN = 5 V
1.2
TPS54612
V
3 V
≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40°C ≤ TJ ≤ 125°C
–2.0%
2.0%
TJ = 25°C, VIN = 5 V
1.5
TPS54613
V
3 V
≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40°C ≤ TJ ≤ 125°C
–2.0%
2.0%
VO
Output voltage
TJ = 25°C, VIN = 5 V
1.8
TPS54614
V
3 V
≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40°C ≤ TJ ≤ 125°C
–3.0%
3.0%
TJ = 25°C, VIN = 5 V
2.5
TPS54615
V
3 V
≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
–3.0%
3.0%
TJ = 25°C, VIN = 5 V
3.3
TPS54616
V
4 V
≤ VIN ≤ 6 V, 0 ≤ IL ≤ 6 A, −40° ≤ TJ ≤ 125°C
−3.0%
3.0%
REGULATION
Line regulation(1)(3)
IL = 3 A, 350 ≤ fs ≤ 550 kHz, TJ = 85°C
0.088
%/V
Load regulation(1)(3)
IL = 0 A to 6 A, 350 ≤ fs ≤ 550 kHz, TJ = 85°C
0.0917
%/A
OSCILLATOR
FSEL
≤ 0.8 V, RT open
280
350
420
Internally set – free running
kHz
frequency
FSEL
≥ 2.5 V, RT open
440
550
660
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set – free running
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
frequency range
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
High level threshold
2.5
V
FSEL
Low level threshold
0.8
V
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
(1)
Specified by design
(2)
Static resistive loads only
(3)
Tested using circuit in Figure 10.
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54611 TPS54612 TPS54613 TPS54614 TPS54615 TPS54616


Similar Part No. - TPS54613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54613 TI-TPS54613 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54613 TI-TPS54613 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54613 TI-TPS54613 Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54613-EP TI1-TPS54613-EP Datasheet
967Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs
TPS54613-Q1 TI-TPS54613-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
More results

Similar Description - TPS54613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com