Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML2111 Datasheet(PDF) 10 Page - Micro Linear Corporation

Part # ML2111
Description  Universal Dual High Frequency Filter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML2111 Datasheet(HTML) 10 Page - Micro Linear Corporation

Back Button ML2111 Datasheet HTML 6Page - Micro Linear Corporation ML2111 Datasheet HTML 7Page - Micro Linear Corporation ML2111 Datasheet HTML 8Page - Micro Linear Corporation ML2111 Datasheet HTML 9Page - Micro Linear Corporation ML2111 Datasheet HTML 10Page - Micro Linear Corporation ML2111 Datasheet HTML 11Page - Micro Linear Corporation ML2111 Datasheet HTML 12Page - Micro Linear Corporation ML2111 Datasheet HTML 13Page - Micro Linear Corporation ML2111 Datasheet HTML 14Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ML2111
10
TYPICAL PERFORMANCE CURVES (Continued)
4
0
–4
–8
Ideal Q (R3/R2)
0.1
1
10
100
100:1
50:1
Mode 1
TA = 25ºC
fCLK = 5MHz
VIN = 1VRMS
Ideal Q (R3/R2)
0.1
1
10
100
0.05
0.0
–0.05
Mode 1
TA = 25ºC
50:1 or 100:1
fCLK = 5MHz
VIN = 1VRMS
Figure 4A. fCLK/f0 Deviation vs. Q (VS = ±5V)
Figure 4A. fCLK/fNOTCH Deviation vs. Q (VS = ±5V)
Figure 5A. Q Deviation vs. Q (50:1, VS = ±5V)
Ideal Q (R3/R2)
4
0
–4
–8
–12
–16
0.1
1
10
100
Mode 1
TA = 25ºC
f0 = 100kHz
fCLK = 5MHz
VS = ±5V
Figure 5B. Q Deviation vs. Q (100:1, VS = ±5V)
2
0
–2
–4
–6
–8
Ideal Q (R3/R2)
0.1
1
10
100
Mode 1
TA = 25ºC
f0 = 50kHz
fCLK = 5MHz
VS = ±5V
Figure 6A. Distortion vs. fIN (50:1, VS = ±5V)
Figure 6B. Distortion vs. fIN (100:1, VS = ±5V)
fIN (kHz)
040
80
20
100
60
70
60
50
40
30
20
10
0
Mode 1
Q = 1
f0 = 100kHz
fCLK = 5MHz
VS = ±5V
TA = 25ºC
RL = 2kΩ
Low Pass Output
VOUT = 0.5V
VOUT = 1.41V
VOUT = 2V
VOUT = 3V
VOUT = 4V
Mode 1
Q = 1
f0 = 50kHz
fCLK = 5MHz
VS = ±5V
TA = 25ºC
RL = 2kΩ
Low Pass Output
VOUT = 0.5V
VOUT = 1.41V
VOUT = 2V
VOUT = 3V
VOUT = 4V
fIN (kHz)
020
40
10
50
30
70
60
50
40
30
20
10
0


Similar Part No. - ML2111

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2110 OKI-ML2110 Datasheet
532Kb / 101P
   Speech Control Processor
ML2110TC OKI-ML2110TC Datasheet
532Kb / 101P
   Speech Control Processor
More results

Similar Description - ML2111

ManufacturerPart #DatasheetDescription
logo
Mixed Signal Integratio...
MSUHF MSI-MSUHF Datasheet
80Kb / 7P
   High Frequency Resistor Programmable Universal Active Filter
logo
National Semiconductor ...
AF151 NSC-AF151 Datasheet
268Kb / 9P
   DUAL UNIVERSAL ACTIVE FILTER
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Linear Technology
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
logo
National Semiconductor ...
MF10 NSC-MF10 Datasheet
706Kb / 20P
   Universal Monolithic Dual Switched Capacitor Filter
logo
Texas Instruments
MF10-N TI1-MF10-N_17 Datasheet
2Mb / 36P
[Old version datasheet]   Universal Monolithic Dual Switched Capacitor Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com