Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54388-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS54388-Q1
Description  TPS54388-Q1 2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54388-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54388-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 13Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 14Page - Texas Instruments TPS54388-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TPS54388-Q1
www.ti.com
SLVSAF1D – OCTOBER 2010 – REVISED APRIL 2015
8 Detailed Description
8.1 Overview
The TPS54388-Q1 device is a 6-V, 3-A, synchronous step-down (buck) converter with two integrated n-channel
MOSFETs. To improve performance during line and load transients, the device implements a constant-
frequency, peak-current-mode control, which reduces output capacitance and simplifies external frequency-
compensation design. The wide switching-frequency range of 200 kHz to 2000 kHz allows for efficiency and size
optimization when selecting the output-filter components. A resistor to ground on the RT/CLK pin sets the
switching frequency. The device has an internal phase-lock loop (PLL) on the RT/CLK pin that synchronizes the
power-switch turnon to a falling edge of an external system clock.
The TPS54388-Q1 device has a typical default start-up voltage of 2.45 V. The EN pin has an internal pullup
current source that one can use to adjust the input-voltage undervoltage lockout (UVLO) with two external
resistors. In addition, the pullup current provides a default condition, allowing the device to operate when the EN
pin is floating. The total operating current for the TPS54388-Q1 device is typically 515
μA when not switching
and under no load. With the device disabled, the supply current is typically 5.5
μA.
The integrated 12-m
Ω MOSFETs allow for high-efficiency power-supply designs with continuous output currents
up to 3 A.
The TPS54388-Q1 device reduces the external component count by integrating the boot recharge diode. A
capacitor between the BOOT and PH pins supplies the bias voltage for the integrated high-side MOSFET. A
UVLO circuit monitors the boot-capacitor voltage and turns off the high-side MOSFET when the voltage falls
below a preset threshold. This BOOT circuit allows the TPS54388-Q1 device to operate approaching 100% duty
cycle. The lower limit for stepping down the output voltage is the 0.8-V reference.
The TPS54388-Q1 device has a power-good comparator (PWRGD) with 2% hysteresis.
The TPS54388-Q1 device minimizes excessive output overvoltage transients by taking advantage of the
overvoltage power-good comparator. A regulated output voltage exceeding 109% of the nominal voltage
activates the overvoltage comparator, turning off the high-side MOSFET and masking it from turning on until the
output voltage is lower than 107% of the nominal voltage.
A use of the SS/TR (slow start pr tracking) pin is to minimize inrush currents or provide power-supply sequencing
during power up. Couple a small-value capacitor to the pin for slow start. Discharging the SS/TR pin before the
output powers up ensures a repeatable restart after an overtemperature fault, UVLO fault, or disabled condition.
The use of a frequency foldback circuit reduces the switching frequency during start-up and overcurrent fault
conditions to help limit the inductor current.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS54388-Q1


Similar Part No. - TPS54388-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54388-Q1 TI1-TPS54388-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs
More results

Similar Description - TPS54388-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS57114-Q1 TI-TPS57114-Q1_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS57114-Q1 2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down SWIFT??Switcher
TPS57112-Q1 TI-TPS57112-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS57112-Q1 2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down SWIFT??Converter
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com