Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54362-HT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54362-HT
Description  1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54362-HT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54362-HT_15 Datasheet HTML 4Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 5Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 6Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 7Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 8Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 9Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 10Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 11Page - Texas Instruments TPS54362-HT_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
VIN
VIN
PH
VReg
VSENSE
BOOT
OV_TH
COMP
SS
RST_TH
NC
SYNC
LPM
EN
Rslew
NC
Cdly
RT
GND
RST
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TPS54362-HT
SLVSBI9 – SEPTEMBER 2012
www.ti.com
DEVICE INFORMATION
PWP 20-PIN PACKAGE
TOP VIEW
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
NC
1
NC
Connect to ground
NC
2
NC
Connect to ground
SYNC
3
I
External synchronization clock input to override the internal oscillator clock. An internal pull down
resistor of 62k
Ω (typical) is connected to the ground.
LPM
4
I
Low-power mode control using digital input signal. An internal pull down resistor of 62k
Ω (typical) is
connected to the ground.
EN
5
I
Enable pin, internally pulled up. Must be externally pulled up or down to enable/disable the device.
RT
6
O
External resistor to ground to program the internal oscillator frequency.
Rslew
7
O
External resistor to ground to control the slew rate of internal switching FET.
RST
8
O
Active low, open drain reset output connected to external bias voltage through a resistor, asserted
high after the device starts regulating.
Cdly
9
O
External capacitor to ground to program power on reset delay.
GND
10
O
Ground pin, must be electrically connected to the exposed pad on the PCB for proper thermal
performance.
SS
11
O
External capacitor to ground to program soft start time.
OV_TH
12
I
Sense input for overvoltage detection on regulated output, an external resisitor network is connected
between VReg and ground to program the overvoltage threshold.
RST_TH
13
I
Sense input for overvoltage detection on regulated output, an external resisitor network is connected
between VReg and ground to program the reset and undervoltage threshold.
VSENSE
14
I
Inverting node of error amplifier for voltage mode control
COMP
15
O
Error amplifier output to connect external compensation components.
VReg
16
I
Internal low-side FET to load output during startup or limit overshoot.
PH
17
O
Source of the internal switching FET
VIN
18
I
Unregulated input voltage. Pin 18 and pin 19 must be connected externally.
VIN
19
I
Unregulated input voltage. Pin 18 and pin 19 must be connected externally.
BOOT
20
O
External bootstrap capacitor to PH to drive the gate of the internal switching FET.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links : TPS54362-HT


Similar Part No. - TPS54362-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
More results

Similar Description - TPS54362-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
920Kb / 35P
[Old version datasheet]   3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
OCTOBER2011
LMR51440 TI-LMR51440 Datasheet
2Mb / 39P
[Old version datasheet]   LMR514x0, 36-V, 4-A/5-A Synchronous Step-Down DC/DC Converter With Low IQ
DECEMBER 2022
TPS54162-Q1 TI1-TPS54162-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54162-Q1 TI-TPS54162-Q1_15 Datasheet
2Mb / 42P
[Old version datasheet]   1-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54061-Q1 TI-TPS54061-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Wide-Input, 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
TPS54262-Q1 TI1-TPS54262-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   2-A 60-V STEP-DOWN DC/DC CONVERTER WITH LOW QUIESCENT CURRENT
TPS54362-Q1 TI1-TPS54362-Q1_16 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54061 TI-TPS54061_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS54061 Wide Input 60-V, 200-mA Synchronous Step-Down DC-DC Converter With Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com