Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54361 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS54361
Description  TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54361 Datasheet(HTML) 5 Page - Texas Instruments

  TPS54361_15 Datasheet HTML 1Page - Texas Instruments TPS54361_15 Datasheet HTML 2Page - Texas Instruments TPS54361_15 Datasheet HTML 3Page - Texas Instruments TPS54361_15 Datasheet HTML 4Page - Texas Instruments TPS54361_15 Datasheet HTML 5Page - Texas Instruments TPS54361_15 Datasheet HTML 6Page - Texas Instruments TPS54361_15 Datasheet HTML 7Page - Texas Instruments TPS54361_15 Datasheet HTML 8Page - Texas Instruments TPS54361_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
TPS54361
www.ti.com
SLVSC39B – NOVEMBER 2013 – REVISED AUGUST 2015
6.5
Electrical Characteristics
TJ = –40°C to 150°C, VIN = 4.5 V to 60 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Operating input voltage
4.5
60
V
Internal undervoltage lockout
Rising
4.1
4.3
4.48
V
threshold
Internal undervoltage lockout
325
mV
threshold hysteresis
Shutdown supply current
EN = 0 V, 25°C, 4.5 V
≤ VIN ≤ 60 V
2.25
4.5
μA
Operating: nonswitching supply
FB = 0.9 V, TA = 25°C
152
200
μA
current
ENABLE AND UVLO (EN PIN)
Enable threshold voltage
No voltage hysteresis, rising and falling
1.1
1.2
1.3
V
Enable threshold +50 mV
–4.6
Input current
μA
Enable threshold –50 mV
–0.58
–1.2
–1.8
Hysteresis current
–2.2
–3.4
–4.5
μA
VOLTAGE REFERENCE
Voltage reference
0.792
0.8
0.808
V
HIGH-SIDE MOSFET
ON-resistance
VIN = 12 V, BOOT-SW = 6 V
89
190
m
Ω
ERROR AMPLIFIER
Input current
50
nA
Error amplifier transconductance
–2
μA < ICOMP < 2 μA, VCOMP = 1 V
350
μS
(gm)
Error amplifier transconductance
–2
μA < ICOMP < 2 μA, VCOMP = 1 V, VFB = 0.4 V
77
μS
(gm) during soft start
Error amplifier DC gain
VFB = 0.8 V
10 000
V/V
Min unity gain bandwidth
2500
kHz
Error amplifier source/sink
V(COMP) = 1 V, 100-mV overdrive
±30
μA
COMP to SW current
12
A/V
transconductance
CURRENT LIMIT
All VIN and temperatures, open loop(1)
4.5
5.5
6.8
Current limit threshold
All temperatures, VIN = 12 V, open loop (1)
4.5
5.5
6.3
A
VIN = 12 V, TA = 25°C, open loop
(1)
5.2
5.5
5.9
THERMAL SHUTDOWN
Thermal shutdown
176
°C
Thermal shutdown hysteresis
12
°C
TIMING RESISTOR AND EXTERNAL CLOCK (RT/CLK PIN)
RT/CLK high threshold
1.55
2
V
RT/CLK low threshold
0.5
1.2
V
(1)
Open Loop current limit measured directly at the SW pin and is independent of the inductor value and slope compensation.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54361


Similar Part No. - TPS54361_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
More results

Similar Description - TPS54361_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54341 TI-TPS54341_15 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54360-Q1 TI1-TPS54360-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54561 TI-TPS54561_15 Datasheet
2Mb / 53P
[Old version datasheet]   TPS54561 4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter with Soft-Start and Eco-mode?
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54360-Q1 TI-TPS54360-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS54360-Q1 4.5-V To 60-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode?
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54360B-Q1 TI1-TPS54360B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   60 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com