Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M35071-068SP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M35071-068SP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35071-068SP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M35071-068SP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M35071-068SP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
MITSUBISHI MICROCOMPUTERS
M35071-XXXSP/FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
8
Set division value (multiply value) of horizontal oscillation frequency.
N1 =
N1 : division value (multiply value)
DA
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Set display frequency range.
Display clock setting
See REGISTER SUPPLYMENTARY
DESCRIPTION (1)
EXCK1 : address12316
Alleviates continuous vertical jitters.
EXCK1
0
0
1
1
EXCK0
0
1
0
1
DIV0
DIV1
DIV2
DIV3
DIV4
DIV5
DIV6
DIV7
DIV8
DIV9
DIV10
DIVS0
DIVS1
VJT
10
Σ
n = 0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
0
1
REGISTERS DESCRIPTION
(1) Address 12016
Register
Status
Contents
Function
Remarks
(DIVn
× 2n)
____
Notes 1. The mark
around the status value means the reset status by the "L" level is input to AC pin.
2. The page in which data is written is controlled by the DAF bit. When set to "0", data is written into page 0, whereas when set to "1",
data is written into page 1.
3. Registers marked with (Note 3) are found only in page 0, therefore the register value does not change when the DAF bit is set to "1".
Display clock input
External synchronous (external clock)
Internal synchronous
Do not set
External synchronous (internal clock)
It is used to "0A", normally.
For setting, see REGISTER SUPPLYMENTARY DESCRIPTION
(2).
Set display frequency by division value
(multiply value) setting.
For details, see REGISTER
SUPPLYMENTARY DESCRIPTION
(1).
Also, set the display frequency range by
registers DIVS0, DIVS1(address
12016), RSEL0(address 12116) and
RSEL1(address 12216) in accordance
with the display frequency.
Any of this settings above is required
only when EXCK1 = 0, EXCK0 = 1 and
EXCK1 = 1, EXCK0 = 1.
EXCK0
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)
(Note 3)


Similar Part No. - M35071-068SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35071-XXXFP RENESAS-M35071-XXXFP Datasheet
463Kb / 40P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35071-XXXSP RENESAS-M35071-XXXSP Datasheet
463Kb / 40P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35071-068SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
logo
Renesas Technology Corp
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35049-XXXFP RENESAS-M35049-XXXFP Datasheet
438Kb / 39P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
   SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35017-XXXSP RENESAS-M35017-XXXSP Datasheet
1Mb / 31P
   SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
   SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com