Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIS822DNT Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SIS822DNT
Description  N-Channel 30 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIS822DNT Datasheet(HTML) 1 Page - Vishay Telefunken

  SIS822DNT Datasheet HTML 1Page - Vishay Telefunken SIS822DNT Datasheet HTML 2Page - Vishay Telefunken SIS822DNT Datasheet HTML 3Page - Vishay Telefunken SIS822DNT Datasheet HTML 4Page - Vishay Telefunken SIS822DNT Datasheet HTML 5Page - Vishay Telefunken SIS822DNT Datasheet HTML 6Page - Vishay Telefunken SIS822DNT Datasheet HTML 7Page - Vishay Telefunken SIS822DNT Datasheet HTML 8Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SiS822DNT
www.vishay.com
Vishay Siliconix
S14-1340-Rev. A, 30-Jun-14
1
Document Number: 62965
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
N-Channel 30 V (D-S) MOSFET
Ordering Information:
SiS822DNT-T1-GE3 (Lead (Pb)-free and Halogen-free)
FEATURES
• TrenchFET® power MOSFET
• 100 % Rg and UIS tested
• Thin 0.8 mm profile
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Notebook PC
- System power
- Load switch
• Synchronous buck high-side
Notes
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 81 °C/W.
e. See solder profile (www.vishay.com/doc?73257). The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
f. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω) MAX.
ID (A) a
Qg (TYP.)
30
0.024 at VGS = 10 V
12
3.8 nC
0.030 at VGS = 4.5 V
12
Thin PowerPAK® 1212-8 Single
Bottom View
1
S
2
S
3
S
D
7
D
6
D
5
D
8
4
G
Top View
1
3.3
mm
3.3
mm
0.8 mm
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12 a
A
TC = 70 °C
12 a
TA = 25 °C
8.7 b, c
TA = 70 °C
7 b, c
Pulsed Drain Current (t = 100 μs)
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
12 a
TA = 25 °C
2.7 b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
5
Single Pulse Avalanche Energy
EAS
1.25
mJ
Maximum Power Dissipation
TC = 25 °C
PD
15.6
W
TC = 70 °C
10
TA = 25 °C
3.2 b, c
TA = 70 °C
2 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
°C
Soldering Recommendations (Peak Temperature) e, f
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient b, d
t
≤ 10 s
RthJA
32
39
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
6.5
8


Similar Part No. - SIS822DNT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIS822DNT VISHAY-SIS822DNT Datasheet
192Kb / 9P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIS822DNT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com