Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSC1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # STSC1
Description  High Accuracy Digital Temperature Sensor IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STSC1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  STSC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.sensirion.com
Version 1 – May 2014
3/13
4 Timing Specifications
4.1 Sensor System Timings
Default conditions of 25 °C and 1.8 V supply voltage apply to values the table below, unless otherwise stated. Max. values are
measured at -30°C and 1.98V supply voltage.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
Power-up time
tPU
After hard reset, VDD ≥ VPOR
-
182
239
µs
Time between VDD reaching VPU
and sensor entering idle state
Soft reset time
tSR
After soft reset.
-
173
230
µs
Time between ACK of soft reset
command and sensor entering
idle state
Measurement duration
tMEAS
-
-
10.8
14.4
ms
Duration for a temperature
measurement8
Table 4 System timing specifications.
4.2 Communication Timings
Default conditions of 25 °C and 1.8 V supply voltage apply to values in the table below, unless otherwise stated.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
SCL clock frequency
fSCL
-
0
-
400
kHz -
Hold time (repeated) START
condition
tHD;STA
After this period, the first
clock pulse is generated
0.6
-
-
µs
-
LOW period of the SCL clock tLOW
-
1.3
-
-
µs
-
HIGH period of the SCL clock tHIGH
-
0.6
-
-
µs
-
Set-up time for a repeated
START condition
tSU;STA
-
0.6
-
-
µs
-
SDA hold time
tHD;DAT
-
0
-
-
-
-
SDA set-up time
tSU;DAT
-
100
-
-
ns
-
SCL/SDA rise time
tR
-
20
-
300
ns
-
SCL/SDA fall time
tF
-
20 *
(VDD/5.5)
-
300
ns
-
SDA valid time
tVD;DAT
-
-
-
0.9
µs
-
Set-up time for STOP
condition
tSU;STO
-
0.6
-
-
µs
-
Capacitive load on bus line
CB
-
-
-
400
pF
-
Table 5 Communication timing specifications. The numbers above are values according to the I2C specification.
8 These values can be reduced by using the low power measurement mode, see separate application note.


Similar Part No. - STSC1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
   Wire Marker type-On sheets
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
   Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
   Dual Channel Optical Switch Assembly Over / Under Optical Axis
More results

Similar Description - STSC1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
   짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com