Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSC1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # STSC1
Description  High Accuracy Digital Temperature Sensor IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

STSC1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  STSC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers STSC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.sensirion.com
Version 1 – May 2014
2/4
2 Electrical Specifications
2.1 Electrical Characteristics
Default conditions of 25 °C and 1.8 V supply voltage apply to values in the table below, unless otherwise stated.
Parameter
Symbol
Conditions
Min
Typ.
Max
Units Comments
Supply voltage
VDD
-
1.62
1.8
1.98
V
-
Power-up/down level
VPOR
Static power supply
1.05
1.2
1.35
V
-
Supply current
IDD
Idle state
-
0.7
2.2
µA -
Measurement
-
385
465
µA
Average current consumption
while sensor is measuring7
Average
-
4.8
-
µA
Average current consumption
(continuous operation with one
measurement per second)7
Average power
consumption
-
Average
-
8.6
-
µW
Average power consumption
(continuous operation with one
measurement per second)7
Low level input voltage
VIL
-0.5
-
0.3 VDD
V
-
High level input voltage
VIH
0.7 VDD
-
VDD(max)
+ 0.5
V
-
Low level output voltage
VOL
3 mA sink current
-
-
0.2 VDD
-
-
Table 2 Electrical specifications.
2.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 3 may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions cannot be guaranteed. Exposure to the absolute maximum rating
conditions for extended periods may affect the reliability of the device.
Parameter
Rating
Supply voltage, VDD
-0.3 to +2.16 V
Operating temperature range
-40 to +125 °C
Storage temperature range
-40 to +125 °C
ESD HBM
2 kV
ESD MM
200 V
ESD CDM
500 V
Latch up, JESD78 Class II, 125°C
100mA
Table 3 Absolute maximum ratings.
7 These values can be reduced by using the low power measurement mode, see separate application note.


Similar Part No. - STSC1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STS BOURNS-STS Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
logo
3M Electronics
STS 3M-STS Datasheet
77Kb / 1P
   Wire Marker type-On sheets
logo
CIT Relay & Switch
STS CIT-STS Datasheet
264Kb / 2P
   Surface Mount Process Sealed Tactile
Rev B 11/2022
logo
Connor-Winfield Corpora...
STS-100 CONNOR-WINFIELD-STS-100 Datasheet
194Kb / 8P
   Synchronous Timing Module
logo
Silonex Inc.
STS-8831 SILONEX-STS-8831 Datasheet
25Kb / 1P
   Dual Channel Optical Switch Assembly Over / Under Optical Axis
More results

Similar Description - STSC1

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Feature Integration Tec...
F75383M FINTEK-F75383M Datasheet
659Kb / 21P
   짹1oC Accuracy Temperature Sensor IC Datasheet
F75385M FINTEK-F75385M Datasheet
537Kb / 17P
   짹1oC Accuracy Temperature Sensor IC Datasheet
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
   짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com