Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP-400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SP-400
Description  Original Sil-Pad material
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SP-400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SP-400 Datasheet HTML 1Page - List of Unclassifed Manufacturers SP-400 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sil-Pad® 400 is a composite of silicone
rubber and fiberglass. The material is
flame retardant and is specially formulated
for use as a thermally conductive insulator.
The primary use for Sil-Pad® 400 is to
electrically isolate power sources from
heat sinks.
Sil-Pad® 400 has excellent mechanical
and physical characteristics. Surfaces are
pliable and allow complete surface contact
with excellent heat dissipation.
Sil-Pad® 400 actually improves its thermal
resistance with age. The reinforcing
fiberglass provides excellent cut-through
resistance. In addition, Sil-Pad® 400 is
non-toxic and resists damage from
cleaning agents.
Note: To build a part number, visit our
website at www.bergquistcompany.com.
Sil-Pad® 400
TYPICAL APPLICATIONS INCLUDE
• Power supplies
• Automotive electronics
• Power semiconductors
• Motor controls
CONFIGURATIONS AVAILABLE
• Sheet form, die-cut parts and roll form; with or without
pressure sensitive adhesive
PDS_SP_400_0115
FEATURES AND BENEFITS
• Thermal impedance: 1.13°C-in2/W
(@50 psi)
• Original Sil-Pad material
• Excellent mechanical and physical
characteristics
• Flame retardant
PRODUCT DESCRIPTION
The Original Sil-Pad® Material
January 2015
PROPERTY
IMPERIAL VALUE
METRIC VALUE
TEST METHOD
Color
Gray
Gray
Visual
Reinforcement Carrier
Fiberglass
Fiberglass
Thickness (inch) / (mm)
0.007, 0.009
0.178, 0.229
ASTM D374
Hardness (Shore A)
85
85
ASTM D2240
Breaking Strength (lbs/inch) / (kN/m)
30
5
ASTM D1458
Elongation (% at 45º to Warp and Fill)
54
54
ASTM D412
Tensile Strength (psi) / (MPa)
3000
20
ASTM D412
Continuous Use Temp (°F) / (°C)
-76 to 356
-60 to 180
ELECTRICAL
Dielectric Breakdown Voltage (Vac)
3500, 4500
3500, 4500
ASTM D149
Dielectric Constant (1000 Hz)
5.5
5.5
ASTM D150
Volume Resistivity (Ohm-meter)
1011
1011
ASTM D257
Flame Rating
V-O
V-O
U.L. 94
THERMAL
Thermal Conductivity (W/m-K)0.9
0.9ASTM D5470
THERMAL PERFORMANCE vs PRESSURE
Pressure (psi)
10
25
50
100
200
TO-220 Thermal Performance (°C/W) 0.007"
6.62
5.93
5.14
4.38
3.61
TO-220 Thermal Performance (°C/W) 0.009"
8.51
7.62
6.61
5.63
4.64
Thermal Impedance (°C-in2/W) 0.007" (1)
1.82
1.42
1.13
0.82
0.54
Thermal Impedance (°C-in2/W) 0.009" (1)
2.34
1.83
1.45
1.05
0.69
1) The ASTM D5470 test fixture was used. The recorded value includes interfacial thermal resistance. These values are provided for
reference only. Actual application performance is directly related to the surface roughness, flatness and pressure applied.
TYPICAL PROPERTIES OF SIL-PAD 400


Similar Part No. - SP-400

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
   4000W Pure Sine Wave Inverter
20/10/21
SP-4000-124 COTEK-SP-4000-124 Datasheet
175Kb / 2P
   4000W Pure Sine Wave Inverter
20/10/21
SP-4000-148 COTEK-SP-4000-148 Datasheet
175Kb / 2P
   4000W Pure Sine Wave Inverter
20/10/21
SP-4000-224 COTEK-SP-4000-224 Datasheet
175Kb / 2P
   4000W Pure Sine Wave Inverter
20/10/21
SP-4000-248 COTEK-SP-4000-248 Datasheet
175Kb / 2P
   4000W Pure Sine Wave Inverter
20/10/21
More results

Similar Description - SP-400

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
6413621W12VB OSRAM-6413621W12VB Datasheet
122Kb / 4P
   Original spare parts
CLKH1EURO OSRAM-CLKH1EURO Datasheet
85Kb / 3P
   Original spare parts
3156 OSRAM-3156 Datasheet
127Kb / 4P
   Original spare parts
logo
List of Unclassifed Man...
3-0258 ETC-3-0258 Datasheet
289Kb / 1P
   RED INDICATES ORIGINAL
REV.K
logo
OSRAM GmbH
64185W12VSV8 OSRAM-64185W12VSV8 Datasheet
124Kb / 4P
   Original spare parts
logo
Allegro MicroSystems
BJ159AC-201 ALLEGRO-BJ159AC-201 Datasheet
56Kb / 1P
   RED INDICATES ORIGINAL
logo
OSRAM GmbH
6415055W12VP OSRAM-6415055W12VP Datasheet
132Kb / 4P
   Original spare parts
CLKH424V OSRAM-CLKH424V Datasheet
111Kb / 3P
   Original spare parts
logo
List of Unclassifed Man...
DR-CBBJR79A ETC2-DR-CBBJR79A Datasheet
56Kb / 1P
   RED INDICATES ORIGINAL
logo
OSRAM GmbH
6614035WPK32D OSRAM-6614035WPK32D Datasheet
153Kb / 5P
   Original spare parts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com