Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU6676CH Datasheet(PDF) 3 Page - New Japan Radio

Part # NJU6676CH
Description  64-Common X 132-Segment plus 1-Icon Bit Map Type LCD Controller and Driver
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU6676CH Datasheet(HTML) 3 Page - New Japan Radio

  NJU6676CH Datasheet HTML 1Page - New Japan Radio NJU6676CH Datasheet HTML 2Page - New Japan Radio NJU6676CH Datasheet HTML 3Page - New Japan Radio NJU6676CH Datasheet HTML 4Page - New Japan Radio NJU6676CH Datasheet HTML 5Page - New Japan Radio NJU6676CH Datasheet HTML 6Page - New Japan Radio NJU6676CH Datasheet HTML 7Page - New Japan Radio NJU6676CH Datasheet HTML 8Page - New Japan Radio NJU6676CH Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
NJU6676
PRELIMINARY
n PAD COORDINATES
Chip Size 8.72 x 2.37mm(Chip Center X=0um, Y=0um)
PAD No.
Terminal
X(um)
Y(um)
PAD No.
Terminal
X(um)
Y(um)
1
DUMMY1
-4139
-1025
51
VDD
1655
-1025
2
OSC1
-3347
-1025
52
VDD
1715
-1025
3
OSC2
-3287
-1025
53
V1
1775
-1025
4
FRS
-3129
-1025
54
V1
1835
-1025
5
FR
-2909
-1025
55
V2
1895
-1025
6
CL
-2688
-1025
56
V2
1955
-1025
7
DOF
-2468
-1025
57
V3
2015
-1025
8
VSS
-2311
-1025
58
V3
2075
-1025
9
CS1
-2251
-1025
59
V4
2135
-1025
10
CS2
-2191
-1025
60
V4
2195
-1025
11
VDD
-2131
-1025
61
V5
2255
-1025
12
RES
-2071
-1025
62
V5
2315
-1025
13
A0
-2011
-1025
63
VR
2375
-1025
14
VSS
-1951
-1025
64
VR
2435
-1025
15
WR
-1891
-1025
65
VDD
2495
-1025
16
RD
-1831
-1025
66
VDD
2555
-1025
17
VDD
-1771
-1025
67
VDD
2615
-1025
18
D0
-1613
-1025
68
M/S
2675
-1025
19
D1
-1393
-1025
69
CLS
2810
-1025
20
D2
-1172
-1025
70
VSS
2870
-1025
21
D3
-952
-1025
71
C86
2930
-1025
22
D4
-731
-1025
72
P/S
3065
-1025
23
D5
-511
-1025
73
VDD
3125
-1025
24
D6(SCL)
-291
-1025
74
VSS
3185
-1025
25
D7(SI)
-70
-1025
75
VDD
3245
-1025
26
VDD
155
-1025
76
DUMMY2
4139
-1025
27
VDD
215
-1025
77
C31
4200
-935
28
VDD
275
-1025
78
C30
4200
-875
29
VDD
335
-1025
79
C29
4200
-815
30
VSS
395
-1025
80
C28
4200
-755
31
VSS
455
-1025
81
C27
4200
-695
32
VSS
515
-1025
82
C26
4200
-635
33
VSS2
575
-1025
83
C25
4200
-575
34
VSS2
635
-1025
84
C24
4200
-515
35
VSS2
695
-1025
85
C23
4200
-455
36
VSS2
755
-1025
86
C22
4200
-395
37
VOUT
815
-1025
87
C21
4200
-335
38
VOUT
875
-1025
88
C20
4200
-275
39
C3
-
935
-1025
89
C19
4200
-215
40
C3
-
995
-1025
90
C18
4200
-155
41
C1
+
1055
-1025
91
C17
4200
-95
42
C1
+
1115
-1025
92
C16
4200
-35
43
C1
-
1175
-1025
93
C15
4200
25
44
C1
-
1235
-1025
94
C14
4200
85
45
C2
-
1295
-1025
95
C13
4200
145
46
C2
-
1355
-1025
96
C12
4200
205
47
C2
+
1415
-1025
97
C11
4200
265
48
C2
+
1475
-1025
98
C10
4200
325
49
VSS
1535
-1025
99
C9
4200
385
50
VSS
1595
-1025
100
C8
4200
445


Similar Part No. - NJU6676CH

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6673 NJRC-NJU6673 Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6673CL NJRC-NJU6673CL Datasheet
283Kb / 38P
   25-common x 100-segment BITMAP LCD DRIVER
NJU6675 NJRC-NJU6675 Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6675CH NJRC-NJU6675CH Datasheet
1Mb / 36P
   BIT MAP LCD DRIVER????
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
More results

Similar Description - NJU6676CH

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6677 NJRC-NJU6677 Datasheet
536Kb / 45P
   88-common x 132-segment BIT MAP LCD DRIVER
NJU6678 NJRC-NJU6678 Datasheet
491Kb / 45P
   104-common x 132-segment BIT MAP LCD DRIVER
NJU6679 NJRC-NJU6679 Datasheet
598Kb / 46P
   128-common x 132-segment BIT MAP LCD DRIVER
logo
List of Unclassifed Man...
NJU6655 ETC-NJU6655 Datasheet
382Kb / 47P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
New Japan Radio
NJU6655B NJRC-NJU6655B Datasheet
523Kb / 54P
   64-common X 160-segment 1-icon common Bitmap LCD Driver
logo
List of Unclassifed Man...
NT7502 ETC1-NT7502 Datasheet
2Mb / 54P
   65 X 132 RAM-Map LCD Controller / Driver
logo
Novatek Microelectronic...
NT7538 NOVATEK-NT7538 Datasheet
1Mb / 68P
   132 X 65 RAM-Map STN LCD Controller/Driver
V1.0
logo
List of Unclassifed Man...
SSD1805 ETC2-SSD1805 Datasheet
675Kb / 52P
   132 x 68 STN LCD Segment / Common Monochrome Driver with Controller
SSD1303 ETC1-SSD1303 Datasheet
567Kb / 56P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
SSD1305 ETC1-SSD1305 Datasheet
2Mb / 70P
   132 x 64 Dot Matrix OLED/PLED Segment/Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com