Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G11777 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # G11777
Description  InGaAs PIN photodiode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

G11777 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  G11777_15 Datasheet HTML 1Page - Hamamatsu Corporation G11777_15 Datasheet HTML 2Page - Hamamatsu Corporation G11777_15 Datasheet HTML 3Page - Hamamatsu Corporation G11777_15 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
InGaAs PIN photodiode
G11777-003P
Surface mounted type COB (chip on board) package
www.hamamatsu.com
Structure
Absolute maximum ratings
Electrical and optical characteristics (Ta=25 °C)
Parameter
Symbol
Specification
Unit
Window material
-
Resin
-
Package
-
Surface mount type COB
-
Photosensitive area
-
φ0.3
mm
Parameter
Symbol
Value
Unit
Reverse voltage
VR
10
V
Operating temperature
Topr
-25 to +80
°C
Storage temperature
Tstg
-40 to +85
°C
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Spectral response range
λ
-
0.9 to 1.7
-
μm
Peak sensitivity wavelength
λp
-
1.55
-
μm
Photosensitivity
S
λ=1.3 μm
0.70
0.85
-
A/W
λ=λp
0.75
0.95
-
Dark current
ID
VR=5 V
-
0.1
0.8
nA
Cutoff frequency
fc
VR=5 V, RL=50 Ω
300
500
-
MHz
Terminal capacitance
Ct
VR=5 V, f=1 MHz
-
6
10
pF
Shunt resistance
Rsh
VR=10 mV
100
700
-
Detectivity
D*
λ=λp
1 × 1012
5 × 1012
-
cm·Hz1/2/W
Noise equivalent power
NEP
λ=λp
-
5 × 10-15
2 × 10-14
W/Hz1/2
The G11777-003P may be damaged by electrostatic discharge. Be carefull when using the G11777-003P.
The G11777-003P is a small-size near infrared detector available in a surface mount COB (chip on board) package.
Its size is drastically reduced compared to the previous metal package type (G8376-03). The spectral response covers a
range from 0.9 to 1.7 μm (with peak sensitivity wavelength at 1.55 μm) and delivers high sensitivity and low noise. In
addition to optical communication, other applications include analysis and measurement utilizing near infrared light.
High sensitivity
High-speed response
Photosensitive area: φ0.3 mm
Surface mount type
Small size COB package
Low cost
Compatible lead-free reflow soldering
Low noise
Measurement
Analysis
Optical light level monitor
Features
Applications


Similar Part No. - G11777_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1177 ETC2-G1177 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1177 ETC2-G1177 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
logo
Heyco.
G1177 HEYCO-G1177 Datasheet
92Kb / 1P
   Rubber Grommets
More results

Similar Description - G11777_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
G6742 HAMAMATSU-G6742 Datasheet
336Kb / 2P
   InGaAs PIN photodiode
G8370 HAMAMATSU-G8370 Datasheet
220Kb / 4P
   InGaAs PIN photodiode
G8421 HAMAMATSU-G8421 Datasheet
169Kb / 4P
   InGaAs PIN photodiode
G8941 HAMAMATSU-G8941_04 Datasheet
147Kb / 3P
   InGaAs PIN photodiode
G9906-01 HAMAMATSU-G9906-01 Datasheet
61Kb / 2P
   InGaAs PIN photodiode
G8370-10 HAMAMATSU-G8370-10 Datasheet
122Kb / 2P
   InGaAs PIN photodiode
G8605 HAMAMATSU-G8605 Datasheet
247Kb / 4P
   InGaAs PIN photodiode
G8422 HAMAMATSU-G8422 Datasheet
255Kb / 4P
   InGaAs PIN photodiode
logo
KODENSHI_AUK CORP.
KPPB1-LG125 KODENSHI-KPPB1-LG125 Datasheet
190Kb / 2P
   InGaAs PIN Photodiode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com