Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGBR20V50CL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TGBR20V50CL-TA3-T
Description  DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TGBR20V50CL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TGBR20V50CL-TA3-T Datasheet HTML 1Page - Unisonic Technologies TGBR20V50CL-TA3-T Datasheet HTML 2Page - Unisonic Technologies TGBR20V50CL-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TGBR20V50C
Advance
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R232-011.a
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
50
V
Working Peak Reverse Voltage
VRWM
50
V
Peak Repetitive Reverse Voltage
VRRM
50
V
Per Leg
10
A
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50%
Duty Cycle
Total
IO
20
A
Peak Forward Surge Current - 1/2 60hz
IFSM
150
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
2
A
Maximum Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/μS
Operating Junction Temperature
TJ
-65~+150
°C
Storage Junction Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
2
Junction to Case
TO-220F
θJC
3.31
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
50
V
IF=10A, TJ=25°C
0.55
V
Forward Voltage
VFM
IF=10A, TJ=125°C
0.50
V
VR=50V, TJ=25°C
500
µA
Reverse Current (Note 1)
IRM
VR=50V, TJ=125°C
100
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - TGBR20V50CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR20V100C UTC-TGBR20V100C Datasheet
157Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20V100CG-TA3-T UTC-TGBR20V100CG-TA3-T Datasheet
157Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20V100CG-TF3-T UTC-TGBR20V100CG-TF3-T Datasheet
157Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20V100CL-TA3-T UTC-TGBR20V100CL-TA3-T Datasheet
157Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR20V100CL-TF3-T UTC-TGBR20V100CL-TF3-T Datasheet
157Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - TGBR20V50CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20WM100C-M3 VISHAY-V20WM100C-M3 Datasheet
121Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V12W60C-M3 VISHAY-V12W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
VT3080C VISHAY-VT3080C Datasheet
131Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VBT4060C VISHAY-VBT4060C Datasheet
81Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
VFT4060C VISHAY-VFT4060C Datasheet
79Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 13-Dec-13
V15WL45C-M3 VISHAY-V15WL45C-M3_15 Datasheet
115Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
logo
Unisonic Technologies
TGBR30L45C UTC-TGBR30L45C Datasheet
153Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR30U100C UTC-TGBR30U100C Datasheet
132Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
V30D60CL VISHAY-V30D60CL_15 Datasheet
120Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com