Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP35CN10NG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP35CN10NG
Description  N-channel, normal level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP35CN10NG Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP35CN10NG Datasheet HTML 1Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPP35CN10NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
IPB34CN10N G
IPD33CN10N G
IPI35CN10N G
IPP35CN10N G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
4.5 V
5 V
5.5 V
6 V
10 V
8 V
0
20
40
60
80
0
20
I
D [A]
25 °C
175 °C
0
10
20
30
40
50
0
2
4
6
8
V
GS [V]
0
10
20
30
40
50
0
10
20
30
40
50
I
D [A]
4.5 V
5 V
5.5 V
6 V
6.5 V
7 V
8 V
10 V
0
50
100
150
0
1
2
3
4
5
V
DS [V]
Rev. 1.091
page 5
2013-07-25


Similar Part No. - IPP35CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP35CN10NG INFINEON-IPP35CN10NG Datasheet
708Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev.1.02 2006-06-02
IPP35CN10NG INFINEON-IPP35CN10NG Datasheet
907Kb / 12P
   OptiMOS2 Power-Transistor
2010-04-29 revision:1.09
IPP35CN10NG INFINEON-IPP35CN10NG_10 Datasheet
907Kb / 12P
   OptiMOS2 Power-Transistor
2010-04-29 revision:1.09
More results

Similar Description - IPP35CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD78CN10NGBUMA1 INFINEON-IPD78CN10NGBUMA1 Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPB020N08N5 INFINEON-IPB020N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.0,2014-12-17
IPP052NE7N3G INFINEON-IPP052NE7N3G_15 Datasheet
833Kb / 10P
   N-channel, normal level
2009-11-11 revision:2.01
IPP070N08N3G INFINEON-IPP070N08N3G_15 Datasheet
1,011Kb / 11P
   N-channel, normal level
2010-01-18 revision:2.3
IPP100N08N3G INFINEON-IPP100N08N3G_15 Datasheet
1,016Kb / 11P
   N-channel, normal level
2010-01-21 revision:2.2
IPB79CN10NG INFINEON-IPB79CN10NG Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP023N10N5 INFINEON-IPP023N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2014-05-05
IPB017N10N5 INFINEON-IPB017N10N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.2,2015-10-15
IPT012N08N5 INFINEON-IPT012N08N5 Datasheet
1Mb / 12P
   N-channel, normal level
Rev.2.1,2015-02-23
IPD068N10N3G INFINEON-IPD068N10N3G_14 Datasheet
507Kb / 9P
   N-channel, normal level
Rev. 2.2 2014-05-19
IPD200N15N3G INFINEON-IPD200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com