Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFC210202FC Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFC210202FC
Description  Thermally-Enhanced High Power RF LDMOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFC210202FC Datasheet(HTML) 6 Page - Infineon Technologies AG

  PTFC210202FC Datasheet HTML 1Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 2Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 3Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 4Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 5Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 6Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 7Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 8Page - Infineon Technologies AG PTFC210202FC Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Data Sheet
6 of 9
Rev. 03.2, 2014-05-14
PTFC210202FC
Reference Circuit
Reference circuit assembly diagram (not to scale)
PTFC210202FC_IN_02
PTFC210202FC_OUT_02
RO4350, .020
(62)
RO4350, .020
(61)
RF_IN
C101
VDD
RF_OUT
C107
C104
C102
C106
R101
R102
C108
C103
C105
R201
C203
C202
C209
C210
C201
C207
C206
C208
C204
C205
VDD
VGS
VGS
c210202fc_CD _03-08-2013


Similar Part No. - PTFC210202FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFC210202FC INFINEON-PTFC210202FC Datasheet
655Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 ??2200 MHz
Rev. 03.4, 2016-06-22
logo
Cree, Inc
PTFC210202FC CREE-PTFC210202FC Datasheet
700Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 - 2200 MHz
logo
WOLFSPEED, INC.
PTFC210202FC WOLFSPEED-PTFC210202FC Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
PTFC210202FC-V1 WOLFSPEED-PTFC210202FC-V1 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
PTFC210202FC-V1-R0 WOLFSPEED-PTFC210202FC-V1-R0 Datasheet
828Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
Rev. 06, 2023-06-28
More results

Similar Description - PTFC210202FC

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
PTVA127002EV INFINEON-PTVA127002EV_15 Datasheet
1Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-06-18
PXAC180602MD INFINEON-PXAC180602MD_15 Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2015-06-18
PTFB093608SV INFINEON-PTFB093608SV_15 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 05, 2015-01-22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com