Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB130G-Z41-B Datasheet(PDF) 1 Page - Unisonic Technologies

Part # SB130G-Z41-B
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SB130G-Z41-B Datasheet(HTML) 1 Page - Unisonic Technologies

  SB130G-Z41-B Datasheet HTML 1Page - Unisonic Technologies SB130G-Z41-B Datasheet HTML 2Page - Unisonic Technologies SB130G-Z41-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
SB130
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R601-276.b
1.0A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC SB130 is a 1.0A schottky barrier rectifier, it uses UTC’s
advanced technology to provide customers with low forward voltage
drop, high current capability and high efficiency, etc.
The UTC SB130 is suitable for use in free wheeling, high frequency
inverters, low voltage and polarity protection applications.
FEATURES
* Low forward voltage drop
* High current capability
* High surge capability
* Low power loss
* High efficiency
DO-41
SMA
(JEDEC DO-214AC)
+
-
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
Packing
SB130L-SMA-R
SB130G-SMA-R
SMA
K
A
Tape Reel
SB130L-Z41-B
SB130G-Z41-B
DO-41
K
A
Tape Box
SB130L-Z41-R
SB130G-Z41-R
DO-41
K
A
Tape Reel
Note: Pin Assignment: A: Anode
K: Cathode
(1) R: Tape Reel, B: Tape Box
(2) SMA: SMA, Z41: DO-41
(3) L: Lead Free, G: Halogen Free and Lead Free
SB130L-SMA-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
SMA
DO-41
Date Code
Cathode Band for
uni-directional Only
UTC
SB130
L: Lead Free
G: Halogen Free
SB130
Date Code
L: Lead Free
G: Halogen Free
Cathode Band for uni-directional Only


Similar Part No. - SB130G-Z41-B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
Pan Jit International I...
SB130 PANJIT-SB130 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Microdiode Electronics ...
SB130 CHENDA-SB130 Datasheet
586Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB130 VISHAY-SB130 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
SEMTECH ELECTRONICS LTD...
SB130 SEMTECH_ELEC-SB130 Datasheet
199Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SB130G-Z41-B

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com