Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54341DPRR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54341DPRR
Description  4.5-V to 42-V Input, 3.5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54341DPRR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54341DPRR Datasheet HTML 4Page - Texas Instruments TPS54341DPRR Datasheet HTML 5Page - Texas Instruments TPS54341DPRR Datasheet HTML 6Page - Texas Instruments TPS54341DPRR Datasheet HTML 7Page - Texas Instruments TPS54341DPRR Datasheet HTML 8Page - Texas Instruments TPS54341DPRR Datasheet HTML 9Page - Texas Instruments TPS54341DPRR Datasheet HTML 10Page - Texas Instruments TPS54341DPRR Datasheet HTML 11Page - Texas Instruments TPS54341DPRR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
±5.5
±5.3
±5.1
±4.9
±4.7
±4.5
±4.3
±4.1
±3.9
±3.7
±3.5
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V, IEN = Threshold + 50 mV
C011
V
IN = 12 V, IEN = Threshold + 50 mV
±2.5
±2.3
±2.1
±1.9
±1.7
±1.5
±1.3
±1.1
±0.9
±0.7
±0.5
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V, IEN = Threshold + 50 mV
C012
V
IN = 12 V, IEN = Threshold - 50 mV
20
30
40
50
60
70
80
90
100
110
120
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C009
V
IN = 12 V
1.15
1.18
1.21
1.24
1.27
1.3
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C010
V
IN = 12 V
200
250
300
350
400
450
500
±50
±25
0
25
50
75
100
125
150
T
J Junction - Temperature (ƒC)
VIN = 12 V
C008
V
IN = 12 V
0
500
1,000
1,500
2,000
2,500
0
50
100
150
200
RT/CLK - Resistance (k
)
C007
TPS54341
SLVSC61 – NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
vs
EA TRANSCONDUCTANCE
RT/CLK RESISTANCE
vs
HIGH FREQUENCY RANGE
JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EA TRANSCONDUCTANCE DURING SOFT-START
EN PIN VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT
EN PIN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS54341


Similar Part No. - TPS54341DPRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 44P
[Old version datasheet]   TPS54340 42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode?
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
More results

Similar Description - TPS54341DPRR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54541 TI1-TPS54541 Datasheet
2Mb / 48P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode
TPS54340-Q1 TI1-TPS54340-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter with Eco-mode
TPS54340B-Q1 TI1-TPS54340B-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 42-V Input, 3.5-A, Step-Down DC-DC Converter With Eco-Mode
TPS54541 TI-TPS54541_15 Datasheet
2Mb / 52P
[Old version datasheet]   TPS54541 4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter With Soft-Start and Eco-mode?
TPS54361 TI-TPS54361_15 Datasheet
2Mb / 51P
[Old version datasheet]   TPS54361 4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter With Soft-Start and Eco- Mode?
TPS54361-Q1 TI1-TPS54361-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS54361-Q1 4.5-V to 60-V Input, 3.5-A, Step Down DC-DC Converter with Soft-Start and Eco-mode
TPS54340B TI1-TPS54340B Datasheet
1Mb / 46P
[Old version datasheet]   42-V Input, 3.5-A, Step-Down DC/DC Converter With Eco-Mode
TPS54340 TI-TPS54340 Datasheet
1Mb / 43P
[Old version datasheet]   42 V Input, 3.5 A, Step Down DC-DC Converter with Eco-mode
TPS54540B-Q1 TI1-TPS54540B-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5-V to 42-V Input, 5-A, Step-Down DC-DC Converter With Eco-mode
TPS54540-Q1 TI1-TPS54540-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   4.5 V to 42 V Input, 5 A, Step Down DC-DC Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com